Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1569 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1569
Description  SmartPlugW demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1569 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1569 Datasheet HTML 3Page - STMicroelectronics UM1569 Datasheet HTML 4Page - STMicroelectronics UM1569 Datasheet HTML 5Page - STMicroelectronics UM1569 Datasheet HTML 6Page - STMicroelectronics UM1569 Datasheet HTML 7Page - STMicroelectronics UM1569 Datasheet HTML 8Page - STMicroelectronics UM1569 Datasheet HTML 9Page - STMicroelectronics UM1569 Datasheet HTML 10Page - STMicroelectronics UM1569 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID23586 Rev 1
7/24
UM1569
SmartPlugW demonstration board components
2.2
Debugging
Software debugging is via a 10-pin JTAG connection. It is possible to use a 10-pin to 20-pin
adapter to use standard 20-pin JTAG tools. The JTAG connector is not insulated, so for
debugging use the JTAG opto-insulation board (order code: AIJTAG/OPTO-1/A), a battery-
supplied notebook, or supply the board through an insulated AC source. The JTAG
connector is shown in
Figure 6.
Figure 6. JTAG connector
Table 1 shows the pinout of the JTAG connector.
2.3
Reset
The reset sources are:
•
Power-on reset
•
JTAG reset from an in-circuit emulator
Table 1. JTAG pinout
Pin number
Function
13.3 V
2TMS
3GND
4TCK
5GND
6TDO
7N.C.
8TDI
9GND
10
nRESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com