Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1569 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM1569
Description  SmartPlugW demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1569 Datasheet(HTML) 3 Page - STMicroelectronics

  UM1569 Datasheet HTML 1Page - STMicroelectronics UM1569 Datasheet HTML 2Page - STMicroelectronics UM1569 Datasheet HTML 3Page - STMicroelectronics UM1569 Datasheet HTML 4Page - STMicroelectronics UM1569 Datasheet HTML 5Page - STMicroelectronics UM1569 Datasheet HTML 6Page - STMicroelectronics UM1569 Datasheet HTML 7Page - STMicroelectronics UM1569 Datasheet HTML 8Page - STMicroelectronics UM1569 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DocID23586 Rev 1
3/24
UM1569
Overview
1
Overview
1.1
Recommended reading
This document describes how to configure and use the SmartPlugW demonstration board.
Additional information can be found in the following documents:
•
ST device datasheets referenced in this document
•
Third-party device datasheets
•
AN4139
1.2
Safety precautions
The board must be used only by expert technicians. Due to the high voltage (220 Vac)
special care should be taken with regard to human safety.
There is no protection against accidental human contact with high voltages.
After disconnection of the board from the mains, none of the live parts should be touched
immediately because of the energized capacitors.
It is mandatory to use a mains insulation transformer to perform any tests on the board in
which test instruments such as spectrum analyzers or oscilloscopes are used.
Do not connect any oscilloscope probes to high-voltage sections in order to avoid damaging
instruments and demonstration tools.
Warning:
STMicroelectronics assumes no responsibility for any
consequences which may result from the improper use of
this tool
1.3
Getting technical support
Technical assistance is provided free to all customers. For technical assistance,
documentation, upgrades and information about products and services, please contact your
local ST distributor/office.
1.4
Package list
The SmartPlugW demonstration kit includes the following items:
•
The SmartPlugW demonstration board (
Figure 2)
•
A CD-ROM with software and documentation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com