Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1618 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 17Page - STMicroelectronics UM1618 Datasheet HTML 18Page - STMicroelectronics UM1618 Datasheet HTML 19Page - STMicroelectronics UM1618 Datasheet HTML 20Page - STMicroelectronics UM1618 Datasheet HTML 21Page - STMicroelectronics UM1618 Datasheet HTML 22Page - STMicroelectronics UM1618 Datasheet HTML 23Page - STMicroelectronics UM1618 Datasheet HTML 24Page - STMicroelectronics UM1618 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
DocID024371 Rev 3
21/51
UM1618
API specification
50
Return values
Troubleshooting
size
Size, in bytes, of the Flash region
to be programmed.
If size = 0, C55_OK is returned.
It should be multiple of word and its
combination with dest should fall in either
main array or UTest block.
source
Source program buffer address.
This address must reside on word
boundary.
pCtxData
Address of context data structure.
A data structure for storing context
variables
Table 25. Return values for FlashProgram
Type
Description
Possible values
UINT32
Successful completion or error
value.
C55_OK
C55_ERROR_ALTERNATE
C55_ERROR_ALIGNMENTC55_ERROR_BUSY
C55_ERROR_FACTORY_OP
Table 26. Troubleshooting for FlashProgram
Returned Error Bits
Description
Solution
C55_ERROR_ALTERNATE
This error occurs when
user wants to perform
factory program via the
alternate interface.
Use main interface if want to perform
factory program or perform normal
program if want to use alternate
interface.
C55_ERROR_ALIGNMENT
This error indicates that
dest/size/source isn’t
properly aligned.
Check if dest is aligned on double word
(64-bit) boundary. Check if size and
source are aligned on word boundary.
C55_ERROR_BUSY
There is program
operation is in progress
or erase operation is
going on and not in
suspended state.
Wait for the on-going high voltage
operation to finish. Flash program
operation can be started if:
– There is no program or erase
operation being in progress.
– If erase operation is in progress and it
must be in suspended state.
C55_ERROR_FACTORY_OP
The factory program
could not be performed
due to the data at the
‘diary’ location in the
UTest NVM contains at
least one zero.
Check the data at the ‘diary’ location in
the UTest NVM or just perform a normal
program.
Table 24. Arguments for FlashProgram (continued)
Argument
Description
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com