Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1618 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 33Page - STMicroelectronics UM1618 Datasheet HTML 34Page - STMicroelectronics UM1618 Datasheet HTML 35Page - STMicroelectronics UM1618 Datasheet HTML 36Page - STMicroelectronics UM1618 Datasheet HTML 37Page - STMicroelectronics UM1618 Datasheet HTML 38Page - STMicroelectronics UM1618 Datasheet HTML 39Page - STMicroelectronics UM1618 Datasheet HTML 40Page - STMicroelectronics UM1618 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
DocID024371 Rev 3
37/51
UM1618
API specification
50
Comments
If user uses the alternate interface to get the over program protection status for the Large
address space, the error code C55_ERROR_ALTERNATE is returned to indicate that the
interface does not support this operation.
The blkProtState is bit map allocation and it has the same definition with blkLockState of
‘GetLock’ function. See ‘GetLock’ function for more details.
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit’ API.
2.8
User Test Mode Functions
2.8.1
FlashArrayIntegrityCheck
Description
This function checks the array integrity of the Flash via main interface. The user specified
address sequence is used for array integrity reads and the operation is done on the
specified blocks. The MISR values calculated by the hardware is compared to the values
passed by the user, if they are not the same, then an error code is returned.
In order to support asynchronous design, this function stores the necessary information to
“pCtxData” (ex: user provided MISR value) and is terminated without waiting for completion
of this operation. User should call ‘FlashCheckStatus’ to check the on-going status of this
function. And once finish, it will do comparison between MISR values provided by user
which is currently stored in “pCtxData” and MISR values generated by hardware and return
an appropriate code according to this compared result.
Prototype
UINT32 FlashArrayIntegrityCheck(PSSD_CONFIG pSSDConfig,
UINT32 lowEnabledBlocks,
UINT32 midEnabledBlocks,
UINT32 highEnabledBlocks,
NLARGE_BLOCK_SEL nLargeEnabledBlocks,
UINT8 breakOption,
UINT8 addrSeq,
PMISR pMisrValue,
PCONTEXT_DATA pCtxData);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com