Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1748 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM1748
Description  This user manual describes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1748 Datasheet(HTML) 1 Page - STMicroelectronics

  UM1748 Datasheet HTML 1Page - STMicroelectronics UM1748 Datasheet HTML 2Page - STMicroelectronics UM1748 Datasheet HTML 3Page - STMicroelectronics UM1748 Datasheet HTML 4Page - STMicroelectronics UM1748 Datasheet HTML 5Page - STMicroelectronics UM1748 Datasheet HTML 6Page - STMicroelectronics UM1748 Datasheet HTML 7Page - STMicroelectronics UM1748 Datasheet HTML 8Page - STMicroelectronics UM1748 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2014
DocID026226 Rev 1
1/17
UM1748
User manual
EVALSTPM34, EVALSTPM33, EVALSTPM32 evaluation board
Introduction
This user manual describes the EVALSTPM34, EVALSTPM33, EVALSTPM32 evaluation
board.
The STPM3x is an ASSP family of mixed signals designed for high accuracy measurement
of power and energy in power line systems using the Rogowski coil, current transformer or
shunt current sensors. According to p/n, the device has up to two voltages and two current
channels, for energy measurement in dual-phase and single-phase (with or without neutral
current monitoring) electricity metering systems.
The STPM3x devices provide instantaneous voltage and current waveforms and calculate
voltage and current RMS values, active, reactive and apparent powers and energies for
each channel. Moreover, they embed a full set of calibration and compensation parameters
which allow the meter to fit tight accuracy standards (EN 50470-x, IEC 62053-2x,
ANSI12.2x for AC watt meters). All calculated data, as well as configuration parameters, are
stored in internal 32-bit registers accessible through SPI or UART peripheral.
Three boards are available for evaluation purpose:
•
EVALSTPM34 board with 2 CT
•
EVALSTPM33 board with CT + shunt
•
EVALSTPM32 board with shunt
The main features of these boards are:
•
0.2% accuracy single-phase meter reference design
•
USB port for connection to the isolated hardware programmer STEVAL-IPE023V1 and
PC GUI
•
RS232 and UART isolated port for connection to PC GUI
•
SPI/UART switch for device peripheral selection
•
2x programmable LEDs on-board
•
Digital expansion to external system-on-chip or MCU
•
Power supply 3.3 V: external or through the STEVAL-IPE023V1 isolated USB board
•
IEC61000 standard compliant
www.st.com


Similar Part No. - UM1748

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1718 STMICROELECTRONICS-UM1718 Datasheet
14Mb / 231P
STM32CubeMX for STM32 configuration and initialization C code generation
18-May-2016
UM1719 STMICROELECTRONICS-UM1719 Datasheet
1Mb / 18P
The STPM3x evaluation software
29-Jan-2014
logo
List of Unclassifed Man...
UM1724 ETC2-UM1724 Datasheet
1Mb / 65P
STM32 Nucleo-64 boards
logo
STMicroelectronics
UM1724 STMICROELECTRONICS-UM1724 Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
UM1737 STMICROELECTRONICS-UM1737 Datasheet
480Kb / 14P
How to use the product evaluation board STEVAL-ISQ014V1
23-May-2014
More results

Similar Description - UM1748

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD7XEVM TI-SN65HVD7XEVM Datasheet
1Mb / 17P
This manual describes the SN65HVD7xEVM Evaluation Module (EVM).
logo
STMicroelectronics
UM0289 STMICROELECTRONICS-UM0289 Datasheet
1Mb / 29P
This user manual describes the features of the eMotion Kit
30-Nov-2006
UM1038 STMICROELECTRONICS-UM1038 Datasheet
802Kb / 24P
This user manual describes the STarGrid powerline modem
18-Apr-2011
AN3286 STMICROELECTRONICS-AN3286 Datasheet
1Mb / 42P
This document describes
26-Aug-2011
PM0059 STMICROELECTRONICS-PM0059 Datasheet
381Kb / 29P
This programming manual describes how to program
07-Jun-2013
UM0248 STMICROELECTRONICS-UM0248 Datasheet
520Kb / 26P
This user manual describes the driver functions developed
04-Feb-2008
UM0324 STMICROELECTRONICS-UM0324 Datasheet
1Mb / 105P
This user manual describes
09-Feb-2006
UM0574 STMICROELECTRONICS-UM0574 Datasheet
667Kb / 20P
This user manual provides instructions for using
10-Oct-2008
UM1519 STMICROELECTRONICS-UM1519 Datasheet
2Mb / 40P
This user manual describes the ZigBee
27-Sep-2012
logo
Analog Devices
UG-223 AD-UG-223 Datasheet
743Kb / 20P
This user guide describes the EVAL-AD7193EBZ evaluation
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com