Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1748 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1748
Description  This user manual describes
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1748 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1748 Datasheet HTML 6Page - STMicroelectronics UM1748 Datasheet HTML 7Page - STMicroelectronics UM1748 Datasheet HTML 8Page - STMicroelectronics UM1748 Datasheet HTML 9Page - STMicroelectronics UM1748 Datasheet HTML 10Page - STMicroelectronics UM1748 Datasheet HTML 11Page - STMicroelectronics UM1748 Datasheet HTML 12Page - STMicroelectronics UM1748 Datasheet HTML 13Page - STMicroelectronics UM1748 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
EVALSTPM34, EVALSTPM33, EVALSTPM32 board
UM1748
10/17
DocID026226 Rev 1
2.2.4
Digital output
8-pin J5 connector provides all digital output pins of the device as listed in Table 3:
2.2.5
SPI connection
To communicate with the device using the STEVAL-IPE023V1 isolated USB dongle, the
STPM3x SPI peripheral has to be selected. All SWC1 switches have to be turned in OFF
position before the device powers up. SPI pins are available in J6 connector (see Table 4)
for 10-pin flat cable interfacing either to the STEVAL-IPE023V1 or to an external MCU.
Note:
The STEVAL-IPE023V1 provides isolation, while J6 pins are not isolated.
Table 3. J5 connector pinout
Connector pin
STPM3x pin
1INT1
2INT2(1)
1.
For the EVALSTPM34 and the EVALSTPM33 board only.
3
LED2
4
EN/RST
5
LED1
6GND
7
CKIN/XTAL2
8
CKOUT/ZCR
Table 4. J6 SPI connector pinout
Name
Description
1
Not connected
2MOSI
3GND
4MISO
5SCS
6SCL
7
Not connected
8
SYN
9
Not connected
10
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com