Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3089 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3089
Description  This application note describes the characteristics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3089 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3089 Datasheet HTML 4Page - STMicroelectronics AN3089 Datasheet HTML 5Page - STMicroelectronics AN3089 Datasheet HTML 6Page - STMicroelectronics AN3089 Datasheet HTML 7Page - STMicroelectronics AN3089 Datasheet HTML 8Page - STMicroelectronics AN3089 Datasheet HTML 9Page - STMicroelectronics AN3089 Datasheet HTML 10Page - STMicroelectronics AN3089 Datasheet HTML 11Page - STMicroelectronics AN3089 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Main characteristics and circuit description
AN3089
8/25
DocID16493 Rev 2
1.8
Overtemperature protection
The R3 thermistor, connected to the L6566B DIS pin (#8), provides a thermal protection of
the flyback MOSFET (Q1). Therefore, in case of overheating, the flyback converter activity
is latched off. To maintain this state, an internal circuitry of the L6566B monitors the Vcc and
periodically reactivates the HV current source to supply the IC.
1.9
Burst mode operation
The L6566B implements a current mode control, thus it monitors the output power through
the COMP pin, which has a level proportional to the load. Therefore, when the voltage on
the COMP pin falls below an internal threshold, the controller is disabled and its
consumption reduced; normal operation restarts as soon as the COMP voltage rises again.
In this way a low consumption burst mode operation is obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com