Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3089 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3089
Description  This application note describes the characteristics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3089 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3089 Datasheet HTML 1Page - STMicroelectronics AN3089 Datasheet HTML 2Page - STMicroelectronics AN3089 Datasheet HTML 3Page - STMicroelectronics AN3089 Datasheet HTML 4Page - STMicroelectronics AN3089 Datasheet HTML 5Page - STMicroelectronics AN3089 Datasheet HTML 6Page - STMicroelectronics AN3089 Datasheet HTML 7Page - STMicroelectronics AN3089 Datasheet HTML 8Page - STMicroelectronics AN3089 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DocID16493 Rev 2
5/25
AN3089
Main characteristics and circuit description
25
1
Main characteristics and circuit description
The main features of the SMPS are listed below:
Universal input mains range: 90
264 Vac - frequency 45 65 Hz
Output voltage: 19 V at 3.42 A continuous operation
Mains harmonics: acc. to EN61000-3-2 Class-D or JEITA-MITI Class-D
Standby mains consumption: < 100 mW at 230 Vac
Average efficiency: better than 89% without synchronous rectification
EMI: according to EN55022-Class-B
Safety: according to EN60950
Dimensions: 58 x 121 mm, 25 mm maximum component height
PCB: single side, 35 µm, CEM-1, mixed PTH/SMT.
1.1
Power stage
The flyback converter implements the new ST dedicated current mode L6566B (U2)
controller operating in quasi-resonant mode and detecting the transformer demagnetization
through the ZCD (#11) pin.
R23 on the OSC (#13) pin sets the maximum switching frequency at about 165 kHz.
Because the maximum switching frequency is imposed, the converter operates in
discontinuous conduction mode during light-load operation. The L6566B valley skipping
function is capable of turning-on the MOSFET in valley switching even in DCM, therefore
reducing switching losses.
The MOSFET is a standard 800 V, STF7NM80, housed in a TO-220FP package, needing
just a small heatsink. The transformer is a layer type, using a standard ferrite size EER28L,
designed according to EN60950 and manufactured by MAGNETICA.
The flyback reflected voltage is ~150 V, providing enough room for the leakage inductance
voltage spike with a still margin for reliability of the MOSFET. The D5 rectifier and the D4
Transil™ clamp the peak of the leakage inductance voltage spike at MOSFET turn-off.
A small capacitance in parallel with D4 smooth leakage inductance spikes, reducing EMI
and Transil dissipation.
The output rectifiers are two STPS20H100CFP dual center tap Schottky diodes (D2 and D3)
in parallel, housed in the TO-220FP. They have been selected according to the maximum
reverse voltage, forward voltage drop, and power dissipation. The snubber, made up of R5,
R7 and C12, dampens the oscillation produced by the diode capacitance and the leakage
inductance.
A small LC filter has been added on the output, filtering the high frequency ripple and
spikes.
D6, R4, R5, R8, R9, Q2 and Q3 implement an output voltage “fast discharge” circuit, quickly
discharging the output capacitors when the converter is turned off. It has been implemented
to quickly decrease the residual output voltage after the converter is turned off at no load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com