Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3141 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3141
Description  LC filters for mobile phone LCD and camera links
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3141 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3141 Datasheet HTML 2Page - STMicroelectronics AN3141 Datasheet HTML 3Page - STMicroelectronics AN3141 Datasheet HTML 4Page - STMicroelectronics AN3141 Datasheet HTML 5Page - STMicroelectronics AN3141 Datasheet HTML 6Page - STMicroelectronics AN3141 Datasheet HTML 7Page - STMicroelectronics AN3141 Datasheet HTML 8Page - STMicroelectronics AN3141 Datasheet HTML 9Page - STMicroelectronics AN3141 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Filtering the LCD or camera link
AN3141
6/14
Doc ID 17004 Rev 1
3
Filtering the LCD or camera link
The filter choice is made according two parameters:
●
Bandwidth, to keep the signal integrity in case of digital signals
●
Rejection at the frequency to attenuate, i.e. at RX frequencies of mobile phone
LCD and camera link clock frequency is in the range of 10 - 50 MHz, and the digital signal is
a wide band spectrum signal. Consequently, bandwidth of the filter needs to be in the range
of 200 MHz to keep good signal integrity.
As shown before (see Figure 2), the filter must reject the mobile phone reception
frequencies: GSM to W-CDMA gives frequencies from 869 MHz to 2.17 GHz.
In this frequency range attenuation needs to be as high as possible to limit the emissions of
the digital link.
Three types of device have been developed by STMicroelectronics to ensure good signal
integrity:
●
EMIF10-LCD02F3, 10-line version, (or EMIF07-LCD02F3, 7-line version)
●
EMIF08-LCD04M16,
●
EMIF10-LCD03F3 (or EMIF07-LCD03F3)
These devices offer a bandwidth of 200 MHz, as shown in Figure 6, Figure 7 and Figure 8.
Attenuation at RX frequencies are not the same:
●
EMIFxx-LCD02F3 is an RC type filter and provides attenuation of -25 dB at 900 MHz.
●
EMIF08-LCD04M16 is an LC filter and provides attenuation of -35 dB at least on RX
band, which is better than the RC type filter.
●
EMIFxx-LCD03F3 is an LC type filter and provides attenuation of -50 dB on RX band -
better than the RC type filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com