Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3141 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3141
Description  LC filters for mobile phone LCD and camera links
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3141 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3141 Datasheet HTML 6Page - STMicroelectronics AN3141 Datasheet HTML 7Page - STMicroelectronics AN3141 Datasheet HTML 8Page - STMicroelectronics AN3141 Datasheet HTML 9Page - STMicroelectronics AN3141 Datasheet HTML 10Page - STMicroelectronics AN3141 Datasheet HTML 11Page - STMicroelectronics AN3141 Datasheet HTML 12Page - STMicroelectronics AN3141 Datasheet HTML 13Page - STMicroelectronics AN3141 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Conclusion
AN3141
12/14
Doc ID 17004 Rev 1
5
Conclusion
Mobile phone LCD or camera links can radiate on the RX frequencies, which can impact
mobile phone sensitivity.
To evaluate this radiation, a spectrum measurement has been performed at RX GSM
frequencies, on a digital signal having 1.8 ns rise and fall time. The measurement identifies
a power of -92 dBm at 940 MHz, on a single line, and 50
Ω environment. This is huge
regarding the requested sensitivity on GSM band.
To reduce this noise, filtering is needed. It must respect the signal integrity, and filter RX
band frequencies.
EMIF08-LCD04M16, EMIFxx-LCD02F3 and EMIFxx-LCD03F3 have been designed to filter
parallel LCD and camera links, while fully respecting signal integrity. Time domain
measurement shows a very low impact on the signal.
Frequency domain measurements with filters show attenuation at RX band frequencies:
●
From -92 dBm without filter to -120 dBm with EMIF10-LCD02F3, RC type filter, at
F=940 MHz
●
From -92 dBm without filter to -126 dBm with EMIF08-LCD04M16, LC type filter, at
F=940 MHz
●
From -92 dBm without filter to a power lower than -130 dBm with EMIF10-LCD03F3, LC
type filter, at F=940 MHz
Consequently, using filters, before the flex connection, reduces the emission of the flex at
RX frequencies.
Using LC type filters:
●
Does not impact the signal integrity
●
Decreased the reception frequency range power to an insignificant value
Consequently, the RF system sensitivity is not affected. It remains at its own value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com