Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3152 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3152
Description  The right technology for solar converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3152 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3152 Datasheet HTML 8Page - STMicroelectronics AN3152 Datasheet HTML 9Page - STMicroelectronics AN3152 Datasheet HTML 10Page - STMicroelectronics AN3152 Datasheet HTML 11Page - STMicroelectronics AN3152 Datasheet HTML 12Page - STMicroelectronics AN3152 Datasheet HTML 13Page - STMicroelectronics AN3152 Datasheet HTML 14Page - STMicroelectronics AN3152 Datasheet HTML 15Page - STMicroelectronics AN3152 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Measurements on the BOOST stage
AN3152
12/17
Doc ID 17056 Rev 1
enough to connect every component. So, assuming that parasitic impedances are still
present, even if very small, they present problems in addition to an increase in operating
frequency. Parasitic effects lead to:
losses during commutation
spike voltage
EMI irradiation
reliability problems leading to failures in extreme cases
For this reason, designers tend to optimize the layout and limit the very fast commutations
by increasing the gate resistor. According to our tests, the ION di/dt can be controlled by fine
tuning the Rg gate resistance used to drive the power MOSFET during turn-on
(STW42N65M5).
Figure 9 shows the di/dt vs. gate resistance value by using a board with
about 110 nH of total parasitic inductances (about 12 cm of total parasitic inductance on the
power ring loop).
Figure 10 shows the peak current obtained by using a different gate
resistance value, with about 120 nH of total parasitic inductances. These graphs can be
useful to obtain a rough estimate of the gate resistor dimensions, with the di/dt function or
maximum peak current you wish to obtain, considering that di/dt commutation speed
depends on many parameters (such as power MOSFET + diode and the board). It is
recommended to test the results with the selected power MOSFET in every board, in order
to achieve the best performance. It should be noted that MDmesh™ power MOSFETs and
SiC diodes are able to work with very high di/dt, but in any case in a project it is preferable to
limit the commutation speed in order to keep EMI irradiations under control.
Figure 9.
di/dt vs. gate resistance value @ total parasitic inductance of 110 nH on
the power loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com