Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3361 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3361
Description  Schottky diode avalanche performance in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3361 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3361 Datasheet HTML 2Page - STMicroelectronics AN3361 Datasheet HTML 3Page - STMicroelectronics AN3361 Datasheet HTML 4Page - STMicroelectronics AN3361 Datasheet HTML 5Page - STMicroelectronics AN3361 Datasheet HTML 6Page - STMicroelectronics AN3361 Datasheet HTML 7Page - STMicroelectronics AN3361 Datasheet HTML 8Page - STMicroelectronics AN3361 Datasheet HTML 9Page - STMicroelectronics AN3361 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Choosing the appropriate Schottky diode
AN3361
6/15
Doc ID 018589 Rev 1
2
Choosing the appropriate Schottky diode
Schottky diode choice for reverse battery protection is determined by the electronic module
normal operating current on the one hand, and the need to pass the ISO 7637-2 pulse tests
on the other. Each module has its own normal operating current, which is defined by its
characteristics. So here we will consider only the method to choose an appropriate Schottky
diode to meet the ISO 7637-2 requirements.
2.1
Load-dump surge compatibility criteria
The first criterion is the compatibility between surge current and IFSM specified in the diode
datasheet.
2.1.1
Load-dump peak current calculation
Figure 6 shows the current shape through the Schottky diode during a load-dump surge
according to the schematic described in Figure 5.
Figure 5.
Pulse 5b surge test schematic
Electronic module
I
p
V
cl
V
F
Schottky diode
R = 0.5
i
Ω
Pulse 5b:
V
=13.5 V
V = [24-48 V]
t = 300 ms
bat
g
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com