Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3361 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3361
Description  Schottky diode avalanche performance in automotive applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3361 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3361 Datasheet HTML 6Page - STMicroelectronics AN3361 Datasheet HTML 7Page - STMicroelectronics AN3361 Datasheet HTML 8Page - STMicroelectronics AN3361 Datasheet HTML 9Page - STMicroelectronics AN3361 Datasheet HTML 10Page - STMicroelectronics AN3361 Datasheet HTML 11Page - STMicroelectronics AN3361 Datasheet HTML 12Page - STMicroelectronics AN3361 Datasheet HTML 13Page - STMicroelectronics AN3361 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Choosing the appropriate Schottky diode
AN3361
10/15
Doc ID 018589 Rev 1
Table 5 gives a matrix of which Schottky diode is compatible with load-dump surge (pulse
5b) depending on surge voltage level and with the conditions: Vbat = 13.5 V, Ri = 0.5 Ω and
with load-dump surge duration of 300 ms.
2.2
Most severe negative surge compatibility criteria
Now if we consider pulse 1 as shown in Figure 3, things are different since the Schottky
diode is reverse polarized.
For instance, the voltage applied on a diode with a maximum repetitive reverse voltage
(VRRM) of 100 V will be VR = -113.5 V (VR = Vsurge + Vc due to the charge of the capacitor).
Figure 8.
Example of application with pulse 1 using an STPS5H100BY
Table 5.
Which Schottky diodes are good for which load-dump surge level
Pulse 5b load-dump surge voltage (Vg)
24
30
364248
STPS160AY
Yes
STPS3L60SY
Yes
Yes
STPS20L60CGY
Yes
Yes
Yes
Yes
Yes
STPS1H100UY
Yes
STPS2H100UY
Yes
Yes
STPS5H100BY
Yes
Yes
Yes
STPS8H100GY
Yes
Yes
Yes
Yes
Yes
Electronic module
I
STPS5H100BY
V
RRM
Pulse 1:
V
= 13.5 V
V
= -100
R = 10
t = 2 ms
bat
surge
i
p
Ω
V = 13.5 V
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com