Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3432 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3432
Description  How to choose a bypass diode for a silicon panel junction box
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3432 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3432 Datasheet HTML 10Page - STMicroelectronics AN3432 Datasheet HTML 11Page - STMicroelectronics AN3432 Datasheet HTML 12Page - STMicroelectronics AN3432 Datasheet HTML 13Page - STMicroelectronics AN3432 Datasheet HTML 14Page - STMicroelectronics AN3432 Datasheet HTML 15Page - STMicroelectronics AN3432 Datasheet HTML 16Page - STMicroelectronics AN3432 Datasheet HTML 17Page - STMicroelectronics AN3432 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Application constraints
AN3432
14/24
Doc ID 019041 Rev 1
3.1.2
Thermal runaway risk
The thermal runaway results in the loss of temperature control, due to the inability to
exhaust the power losses generated by the diode operation.
In the bypass diode application, the most critical case is when the diode conducts and
suddenly turns off. At this specific time t0 the following rule is applied to eliminate thermal
runaway risk:
Equation 14
The junction temperature depends on the junction box thermal resistance between ambient
temperature (Ta) and diode case temperature (Tc) and the thermal resistance between the
diode junction and the diode case, given in the diode datasheet as the Rth(j-c) parameter.
The power losses and these parameters are linked by the thermal law.
Equation 15
and
The conduction losses are given by:
Equation 16
A graphical interpretation is presented in Figure 10 with STPS20L45C diode, the current is 8
A, the ambient temperature is 60 °C, Rth(c-a) = 3 °C/W, Rth(j-c) = 1.3 °C/W. The green curve is
the heat power that the junction can dissipate. The blue curve is the conduction losses
generated by the diode. The curves cross point gives the junction temperature at the
specific time t0. In this condition, the junction temperature Tj@t0 = 70 °C is shown in
Figure 10.
)
T
(
P
j@to
cond
j@to
rev
)
T
(
> P
j
Thermal
) =
T
(
P
(Tj -Ta)
Rth(j-c) + Rth(c-a)
)
T
(
P
j@to
cond
j@to
Thermal
)
T
(
= P
sc
j
sc
F
j
cond
I
)·
T
,
I
(
V
)
T
(
P
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com