Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3975 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3975
Description  Transparent serial link over ST7590 OFDM PRIME modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3975 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3975 Datasheet HTML 1Page - STMicroelectronics AN3975 Datasheet HTML 2Page - STMicroelectronics AN3975 Datasheet HTML 3Page - STMicroelectronics AN3975 Datasheet HTML 4Page - STMicroelectronics AN3975 Datasheet HTML 5Page - STMicroelectronics AN3975 Datasheet HTML 6Page - STMicroelectronics AN3975 Datasheet HTML 7Page - STMicroelectronics AN3975 Datasheet HTML 8Page - STMicroelectronics AN3975 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
November 2011
Doc ID 022170 Rev 1
1/26
AN3975
Application note
Transparent serial link over ST7590 OFDM PRIME modem
1
Introduction
Nowadays, a lot of power meter manufacturers or smart grid providers are switching from
simple networks like RS845 to more sophisticated ones like PRIME. In order to help and
inform CTMs in their evaluation phase with transition from a simple protocol to a more
sophisticated one, a transparent bridge between RS485 and PRIME would be welcomed.
Such a system could easily help to evaluate PRIME protocol in the lab and in the field.
STMicroelectronics™, as a chip manufacturer, provides a system-on-chip realizing PRIME
protocol ST7590, and the implementation of such a transparent bridge is described in this
document. A part of this application note is a zip archive file with a firmware referenced
within this document.
www.st.com


Similar Part No. - AN3975

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3971 STMICROELECTRONICS-AN3971 Datasheet
1Mb / 28P
For photovoltaic standalone installations
11-May-2012
AN3972 STMICROELECTRONICS-AN3972 Datasheet
1Mb / 21P
This document describes how to use the STM3210C-EVAL
11-Nov-2011
AN3973 STMICROELECTRONICS-AN3973 Datasheet
3Mb / 24P
Electronic ballast with active PFC using
11-Nov-2011
AN3978 STMICROELECTRONICS-AN3978 Datasheet
1,008Kb / 19P
Designing a digital output module
05-Dec-2011
More results

Similar Description - AN3975

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
UHF Transparent Data Link transceiver
logo
Radiometrix Ltd
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
9600 baud Transparent Data Link IC
logo
Maxim Integrated Produc...
MAX2990 MAXIM-MAX2990 Datasheet
247Kb / 2P
10kHz to 490kHz OFDM-Based Power Line Communication Modem
Rev 0; 4/08
logo
STMicroelectronics
ST7590 STMICROELECTRONICS-ST7590 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
EVALST7590-1 STMICROELECTRONICS-EVALST7590-1 Datasheet
620Kb / 24P
Narrow-band OFDM power line networking PRIME compliant system-on-chip
19-Oct-2011
AN4444 STMICROELECTRONICS-AN4444 Datasheet
3Mb / 68P
ST7590 PRIME compliant power line networking SoC design guide
30-Oct-2014
logo
Radiometrix Ltd
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
UHF Multi Channel Transparent Data Link
logo
PHOENIX CONTACT
104460 PHOENIX-104460 Datasheet
285Kb / 9P
PSI-MODEM-SHDSL/SERIAL
logo
Advantech Co., Ltd.
9PMDS ADVANTECH-9PMDS Datasheet
441Kb / 1P
Serial Modem Data Splitters
logo
PHOENIX CONTACT
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com