Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3975 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3975
Description  Transparent serial link over ST7590 OFDM PRIME modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3975 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3975 Datasheet HTML 7Page - STMicroelectronics AN3975 Datasheet HTML 8Page - STMicroelectronics AN3975 Datasheet HTML 9Page - STMicroelectronics AN3975 Datasheet HTML 10Page - STMicroelectronics AN3975 Datasheet HTML 11Page - STMicroelectronics AN3975 Datasheet HTML 12Page - STMicroelectronics AN3975 Datasheet HTML 13Page - STMicroelectronics AN3975 Datasheet HTML 14Page - STMicroelectronics AN3975 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
AN3975
System implementation - FW
Doc ID 022170 Rev 1
11/26
4
System implementation - FW
4.1
PC (HyperTerminal) part
The firmware of the transparent link application for the PC part provides conversion of the
data coming from the USB to commands sent over UART (UART_B) to the power line mode.
The firmware also contains the USB stack for Virtual COM port class - see Figure 7.
Firmware project for PC part details
Programming environment
IAR™ project written in embedded workbench® for ARM® IAR 5.50
C Project, location of the project file:
/PC_USB_to_PRIME/Project/Virtual_COM_Port/EWARMv5/VirtualCOMPort.eww
(After decompression of the archive that comes with this application note.)
4.2
Power meter (RS485) part
The firmware of the transparent link application for the power meter part provides
conversion of the power line data commands coming from the UART (UART_B) to data sent
over UART (UART_A) to RS485 module which may be connected to any device using
RS485, e.g. power meter - see Figure 7.
Firmware project for power meter part details
Programming environment
IAR project written in embedded workbench for ARM IAR 5.50
C Project, location of the project file:
PMeter_RS485_to_PRIME/Project/Prime_to_RS485/EWARMv5/VirtualCOMPort.eww
(After decompression of the archive coming with this application note.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com