Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4378 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4378
Description  Using the BlueNRG transceiver under FCC title 47 part 15
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4378 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4378 Datasheet HTML 4Page - STMicroelectronics AN4378 Datasheet HTML 5Page - STMicroelectronics AN4378 Datasheet HTML 6Page - STMicroelectronics AN4378 Datasheet HTML 7Page - STMicroelectronics AN4378 Datasheet HTML 8Page - STMicroelectronics AN4378 Datasheet HTML 9Page - STMicroelectronics AN4378 Datasheet HTML 10Page - STMicroelectronics AN4378 Datasheet HTML 11Page - STMicroelectronics AN4378 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Transmitter parameter
AN4378
8/19
DocID025421 Rev 1
3.2
Maximum peak conducted output power
In the document “Guidance for Performing Compliance Measurements on Digital
Transmission Systems (DTS) Operating Under 15.247” [3] the FCC states that the
maximum average conducted output power can be measured as an alternative to the
maximum peak conducted output power for demonstrating compliance to the limit.
In this document, the maximum peak conducted output power is shown.
To measure the maximum peak conducted output power, option 1 of the “Guidance for
Performing Compliance Measurements on Digital Transmission Systems (DTS) Operating
Under 15.247” [3] document, section 8.1, is chosen. This procedure is used when the
spectrum analyzer utilized has an RBW greater than or equal to the DTS bandwidth.
To perform the measurement, center the spectrum analyzer on the desired channel. Set the
RBW greater than or equal to the BlueNRG bandwidth. Set the VBW greater than or equal
of 3 times of the RBW. Set the span greater than or equal of the RBW. The detector must be
set to peak and the trace set to max hold. Use the peak marker function to determine the
peak amplitude level.
The measured BlueNRG output power is 7.5 dBm. This output power is lower than the
maximum permitted output power. In Figure 5 the measurement result is reported.
Figure 5. Max peak conducted output power measurement
AM17620v1
-8
-6
-4
-2
0
2
4
6
8
10
2.3995E+09
2.4000E+09
2.4005E+09
2.4010E+09
2.4015E+09
2.4020E+09
2.4025E+09
2.4030E+09
2.4035E+09
2.4040E+09
2.4045E+09
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com