Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4378 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4378
Description  Using the BlueNRG transceiver under FCC title 47 part 15
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4378 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4378 Datasheet HTML 7Page - STMicroelectronics AN4378 Datasheet HTML 8Page - STMicroelectronics AN4378 Datasheet HTML 9Page - STMicroelectronics AN4378 Datasheet HTML 10Page - STMicroelectronics AN4378 Datasheet HTML 11Page - STMicroelectronics AN4378 Datasheet HTML 12Page - STMicroelectronics AN4378 Datasheet HTML 13Page - STMicroelectronics AN4378 Datasheet HTML 14Page - STMicroelectronics AN4378 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID025421 Rev 1
11/19
AN4378
Transmitter parameter
19
Figure 8. Unwanted emission in non-restricted band from 2.5 GHz to 26 GHz measurement
3.4.2
Unwanted emission in restricted frequency bands
According to FCC part 15.247 all the emissions which fall in the restricted bands, as defined
in part 15.205, must comply with the radiated emission limits specified in part 15.209.
Since the emission limits provided in 15.209 are specified in terms of radiated field strength
levels, measurements performed to demonstrate compliance have traditionally relied on
radiated levels, however conducted measurements performed at the antenna connector are
acceptable to demonstrate compliance.
Additionally, when a conducted test is performed in lieu of a radiated test, an additional
factor must be added to the measured value to account for possible ground reflections. For
emissions at frequencies less than or equal to 30 MHz, a ground reflection value of 6 dB
shall be used. For emissions at frequencies greater than 30 MHz but less than or equal to
1000 MHz, a ground reflection value of 4.7 dB shall be used. For emission on frequencies
greater than 1000 MHz, no ground reflection factor is applied.
Also, when a conducted power measurement is performed in lieu of a radiated test, the gain
of the transmitting antenna must be added to the measured output power. In this application
note the data are shown without taking into account the antenna gain. It is recommended
that all users of the BlueNRG device take into account the antenna gain in accordance with
the “Guidance for Performing Compliance Measurements on Digital Transmission Systems
(DTS) Operating Under Part 15.247” [3] document, paragraph 10.2.2.2.
Regarding the measurement detectors, part 15.35 specifies that for frequency below 1000
MHz, the radiated emission limits assume the use of a CISPR quasi-peak detector function
and related measurements bandwidth. As an alternative, compliance can be demonstrated
for the applicable emission limits using a peak detector. For frequencies above 1000 MHz,
the radiated emissions levels assume the use of an average detector and a minimum RBW
of 1 MHz. In addition, when average radiated emissions measurements are specified, there
is also a limit on the peak emissions level which is 20 dB above the applicable maximum
permitted average emission limit.
AM17623v1
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
2.5000E+09
7.5000E+09
1.2500E+10
1.7500E+10
2.2500E+10
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com