Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4511 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4511
Description  Common mode filters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4511 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4511 Datasheet HTML 3Page - STMicroelectronics AN4511 Datasheet HTML 4Page - STMicroelectronics AN4511 Datasheet HTML 5Page - STMicroelectronics AN4511 Datasheet HTML 6Page - STMicroelectronics AN4511 Datasheet HTML 7Page - STMicroelectronics AN4511 Datasheet HTML 8Page - STMicroelectronics AN4511 Datasheet HTML 9Page - STMicroelectronics AN4511 Datasheet HTML 10Page - STMicroelectronics AN4511 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID026455 Rev 1
7/21
AN4511
Common mode filters
21
so
Equation 5
in differential mode, I2 = -I1
Equation 6
and
Equation 7
The filter presents a low resistive impedance equal to DC resistance of inductances
therefore a low attenuation of the high-speed differential signal (see Figure 6).
In common mode I2 = I1, therefore
Equation 8
and
Equation 9
The filter presents a high inductive impedance, therefore a high rejection of the common
mode noise (see Figure 6).
ML
=
Z
1
R
1
j
ω L
1
M
–
() R
1
≈
()
+
=
Z
2
R
2
j
ω L
2
M
–
() R
2
≈
()
+
=
Z
1
R
1
j
ω L
1
M
+
() R
1
j
ω 2L
×
+
=
+
=
Z
2
R
2
j
ω L
2
M
+
() R
2
j
ω 2L
×
+
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com