Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4511 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4511
Description  Common mode filters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4511 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4511 Datasheet HTML 13Page - STMicroelectronics AN4511 Datasheet HTML 14Page - STMicroelectronics AN4511 Datasheet HTML 15Page - STMicroelectronics AN4511 Datasheet HTML 16Page - STMicroelectronics AN4511 Datasheet HTML 17Page - STMicroelectronics AN4511 Datasheet HTML 18Page - STMicroelectronics AN4511 Datasheet HTML 19Page - STMicroelectronics AN4511 Datasheet HTML 20Page - STMicroelectronics AN4511 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Specific benefits of ECMF series
AN4511
18/21
DocID026455 Rev 1
Figure 25. ECMF02-2HSLMX6 +8 kV contact (IEC61000-4-2) ESD clamping
Varistor solutions do not provide a protection level, even on clamping voltage and
robustness against repetitive strikes. The difference is very important in low capacitance
devices for high-speed links at low ESD strike, here +1 kV (Figure 26).
Figure 26. Varistor and ECMF clamping comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com