Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0673 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0673
Description  The power board STEVAL-ISF001V2 is a 3 kW PFC designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0673 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0673 Datasheet HTML 4Page - STMicroelectronics UM0673 Datasheet HTML 5Page - STMicroelectronics UM0673 Datasheet HTML 6Page - STMicroelectronics UM0673 Datasheet HTML 7Page - STMicroelectronics UM0673 Datasheet HTML 8Page - STMicroelectronics UM0673 Datasheet HTML 9Page - STMicroelectronics UM0673 Datasheet HTML 10Page - STMicroelectronics UM0673 Datasheet HTML 11Page - STMicroelectronics UM0673 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PFC board connection
UM0673
8/19
Doc ID 15337 Rev 2
consequence of maintaining constant T
OFF
and varying T
ON
, the overall PWM period is
modulated which gives a variable frequency control.
Using a variable frequency control has advantages in terms of noise input filter size. In fact,
the noise energy is spread over a frequency range with lower energy content for each
frequency.
For further technical information and correct sizing and calculation of the device on the
board, please consult STMicroelectronics’ AN1792 "Design of fixed-off-time-controlled PFC
pre-regulators with the L6562".
The features of the STEVALISF001V1 include:
●
PFC FOT power systems based on the L6563S
●
Power stage based on MDmesh™ V Power MOSFET
●
185 Vrms < Vin rms <265 Vrms
●
Vout 400 V regulated (
±5%)
●
Iout max 7.5 A
●
Driver with inductor saturation detection
●
Optimized EMC input filter.
3.2
STEVAL-ISF001V2 circuit description
Figure 5 shows the entire electronic schematic.
Starting from the input section, a common-mode EMC filter is fitted in order to be compliant
with the EMC regulations concerning industrial and domestic applications. (EN55014 and
EN55022).
The alternative voltage from the mains is then rectified by the input low-frequency bridge
that provides a rectified sinusoidal waveform (with a frequency that is doubled with respect
to the input main waveform) to the next boost stage. The capacitor C7 has been calculated
to have a residual ripple, around the sinusoidal envelope at maximum load and minimum
input voltage, of 6% of the Vin peak value.
The main boost inductor, designed and produced by MAGNETICA (Italy), is a ferrite
inductor core designed to minimize the hysteresis losses.
The technical sheet with a complete order code is given in
Figure 6.
The inductor has a secondary-side winding that provides the low-voltage auxiliary supply to
the driver L6563S.
At the startup the current and voltage on the main inductor is still zero, so any voltage can
be generated by the secondary auxiliary winding. In this condition, and only during the
startup, the two resistors R7 and R13, 150 k
Ω each, with the Zener diode D4 (fitted for
limitation purposes) charge the capacitor C12 and supply the driver that starts the PWM
operation. As soon the PWM signal starts to switch, a voltage is present across the auxiliary
winding, so the low supply voltage across the capacitor C12 is maintained.
The two boost diodes paralleled conduct the peak inductor current at the end of the T
ON
period. At the maximum power and minimum input voltage the peak current can reach 29 A.
Diode D2 and NTC resistor NV1 are used to limit the inrush current, due to the electrolytic
capacitor on the output, during the startup or small decrease of the mains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com