Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0673 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0673
Description  The power board STEVAL-ISF001V2 is a 3 kW PFC designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0673 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0673 Datasheet HTML 5Page - STMicroelectronics UM0673 Datasheet HTML 6Page - STMicroelectronics UM0673 Datasheet HTML 7Page - STMicroelectronics UM0673 Datasheet HTML 8Page - STMicroelectronics UM0673 Datasheet HTML 9Page - STMicroelectronics UM0673 Datasheet HTML 10Page - STMicroelectronics UM0673 Datasheet HTML 11Page - STMicroelectronics UM0673 Datasheet HTML 12Page - STMicroelectronics UM0673 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
UM0673
PFC board connection
Doc ID 15337 Rev 2
9/19
The chosen switching devices are two power MOSFETs, MDmesh™ V family,
STW88N65M5. These two power MOSFETs placed in parallel assure a low R
DS(on)
, limiting
the conduction power losses.
Good efficiency and good thermal behavior of the system can be reached.
To properly drive the power MOSFET and to minimize switching losses, during the on and
off transient, a small push-pull driver was interposed between the driver and the two gates.
A reading of the current conducted by the two power MOSFETs, equal to the current on the
main inductor during the T
ON
period, is necessary for the driver to set the right current level
on the inductor according to the input instantaneous voltage and the output power delivered
to the load. This current is sensed by a sensing resistor paralleling two 0,07
Ω non-inductive
sensing resistors. The output DC bus voltage is sensed by the driver through the resistive
net composed of R12, R16, R17, and R24.
As described in the L6563S datasheet, a
PFC pre-regulator output voltage
monitoring/disable function exists. This pin senses the output voltage of the PFC pre-
regulator through a resistor divider and is used for protection purposes. If the voltage at the
pin exceeds 2.5 V, the IC is shut down, its consumption goes almost to the startup level and
this condition is latched. The PWM_LATCH pin is asserted high. Normal operation can be
resumed only by cycling Vcc. This function is used for protection in case the feedback loop
fails.
The RC net, on pin ZCD, is used to fix the desired T
OFF
time according to the sizing
calculation of the application (for complete design rules, please refer to "Design of fixed-off-
time-controlled PFC pre-regulators with the L6562").
The small signal bit Q3 is used to implement a T
OFF
modulation according to the input
voltage. At the moment of low voltage on the input waveform (near the zero-crossing of the
input sinusoidal supply) and in order to minimize the distortion on the input current due to
the low input voltage, the T
OFF
period needs to be reduced. Acting in this way, the ratio
between T
ON
and T
OFF
is increased and the distortion on the input current can be reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com