Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0932 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 32Page - STMicroelectronics UM0932 Datasheet HTML 33Page - STMicroelectronics UM0932 Datasheet HTML 34Page - STMicroelectronics UM0932 Datasheet HTML 35Page - STMicroelectronics UM0932 Datasheet HTML 36Page - STMicroelectronics UM0932 Datasheet HTML 37Page - STMicroelectronics UM0932 Datasheet HTML 38Page - STMicroelectronics UM0932 Datasheet HTML 39Page - STMicroelectronics UM0932 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Management information base (MIB)
UM0932
36/43
DocID17385 Rev 3
6
0
RX mode
Active channels for reception
0: high channel only
1: dual channel
0 (high channel)
1
RX high
channel
modulation
Functional modulation on high channel
0: FSK
1: all allowed PSK modulations
1 (PSK)
2
RX low channel
modulation
Functional modulation on low channel (ignored if RX
mode is high channel only)
0: FSK
1: all allowed PSK modulations
1 (PSK)
3
Current control
TX current limiting enable flag
0: disabled
1: enabled
1 (enabled)
4 - 7
Unused
Unused bits
0
7
0 - 4
TX gain
Default TX gain value to be used in transmission
(when Gain Selector parameter in any DataRequest-
see Table 35, is equal to 0)
15h (21)
5 - 7
Reserved
Reserved bits
0
8 - 9
ZC delay
If ZC delay parameter in any DataRequest is equal to
1 (Table 35), delay set during transmission between
the outgoing frame start and the mains zero-crossing
(signed value), expressed in 13 µs step
0
10
0 - 1
PSK preamble
length
Preamble length for PSK communication.
0: 16 bit
1: 24 bit
2: 32 bit
3: 40 bit
2 (32 bit)
2 - 7
Unused
Unused bits
0
Table 54. MIB object 01h: MIB_WriteRequest and MIB_ReadRequest data format (continued)
Byte
index
Bit
index
Label
Description and available values
Factory default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com