Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0932 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 34Page - STMicroelectronics UM0932 Datasheet HTML 35Page - STMicroelectronics UM0932 Datasheet HTML 36Page - STMicroelectronics UM0932 Datasheet HTML 37Page - STMicroelectronics UM0932 Datasheet HTML 38Page - STMicroelectronics UM0932 Datasheet HTML 39Page - STMicroelectronics UM0932 Datasheet HTML 40Page - STMicroelectronics UM0932 Datasheet HTML 41Page - STMicroelectronics UM0932 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Management information base (MIB)
UM0932
38/43
DocID17385 Rev 3
4.2.5
05h (Last TX Confirm)
This object stores information about last confirm message received (among
PHY_DataConfirm Section 3.3.13, DL_DataConfirm Section 3.3.16, SS_DataConfirm
Section 3.3.20).
Its field values are equal to those notified by last confirm message and presented in the first
five bytes (0
 2) of the ConfirmData (Table 37). It can be read only.
Table 56. MIB object 04h: MIB_WriteRequest and MIB_ReadRequest data format
Byte
index
Bit
index
Label
Description and available values
Factory
default value
0
0 – 2
Frame
modulation
Frame modulation on the last indication received (Data/Sniffer,
PHY, DL, SS)
0: B-PSK
1: Q-PSK
2: 8-PSK
3: B-FSK
4: B-PSK coded
5: Q-PSK coded
6: Reserved
7: B-PSK coded with Peak Noise Avoidance
0
3
RX channel
RX channel on the last Indication received
0: low channel
1: high channel
0
4 – 7
PGA Value
PGA value on the last indication received
0
1SNR
SNR estimated over the Unique Word reception (signed value,
valid for PSK received frames only, equal to 255 – no meaning –
for FSK received frames)
00h
2 – 3
ZC Delay
Delay between the received UW last bit and the mains zero-
crossing (signed value), expressed in 13 µs step
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com