Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1573 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1573
Description  ST7540 power line modem firmware stack
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1573 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1573 Datasheet HTML 3Page - STMicroelectronics UM1573 Datasheet HTML 4Page - STMicroelectronics UM1573 Datasheet HTML 5Page - STMicroelectronics UM1573 Datasheet HTML 6Page - STMicroelectronics UM1573 Datasheet HTML 7Page - STMicroelectronics UM1573 Datasheet HTML 8Page - STMicroelectronics UM1573 Datasheet HTML 9Page - STMicroelectronics UM1573 Datasheet HTML 10Page - STMicroelectronics UM1573 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
UM1573
ST7540 stack firmware code
Doc ID 023619 Rev 1
7/27
The FEC is used to correct wrong data (if any), the CRC is also checked, and if valid data
are decoded, these are sent to the user application level. The PLM stack directly manages
the repetitions, the necessary timing and acknowledgements.
If the target device does not acknowledge a data frame, each neighboring node, with the
repetition feature enabled, that has sensed the transited data frame, forwards it, after the
acknowledge timeout, as long as the band is not already taken. This repetition mechanism,
managed directly by the PLM stack engine, is done once per node until either the data frame
is acknowledged or each node has repeated the data frame. The repetition mechanism is
also implemented for the acknowledgement frame, when not received by the master.
Figure 4.
Data communication flow with a case of repetition
As each firmware layer adds its own information to the original frame, 100 bytes of user data
from the application level become more than double that at the power line level. This is
mainly because of the FEC redundancy added to each byte as soon as it arrives at a target
node. Network traffic is therefore reduced if the power line is not overly noisy because the
FEC algorithm can adjust the corrupted information.
Each frame also contains the target address, the source address, and other parameters.
These may include a flag byte indicating the network model (the flag indicates if the
repetition must be ignored for this frame, or if the acknowledge is awaited), a frame ID to
avoid multiple repetitions of the same frame, the CRC (CRC16) bytes, the modem preamble,
the header and the postamble byte.
Another implemented mechanism related to repetitions is 'hopping.' The hop level is one of
the user-defined PLM parameters and is employed to assign a certain hierarchy in the
repetition. If a frame must be repeated but the hop level is lower than the one stored in the
stack parameter, the frame is not forwarded. Normally, the hierarchy is set depending on the
distance and the ambient noise condition. The closer the repetition-enabled node is to the
concentrator, the higher the hop level, and in this way, the traffic of insignificant repetitions is
reduced.
Network grouping is another feature that can be implemented by the user. If implemented,
the first two bytes of any frame address, which is 6 bytes long, are considered the group
address. Each frame with a group address different from the assigned group is ignored. In
this way it is possible that more than one network can share the same power line without
interacting with each other.
M
N3
N2
N1
DATA
bACK
NOT SENSED ACK
AM15246v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com