| Electronic Components Datasheet Search |
|
UM1573 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1573 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 27 page ![]() Network model description UM1573 4/27 Doc ID 023619 Rev 1 1 Network model description The power line modem firmware stack is designed to manage a network structure composed of several power line modems, called nodes. These modem nodes are distributed throughout the power line. One or more modems can be used as a data concentrator and the others as slave modems. All the nodes and the concentrator share the same power line, which is used as a data communication channel (physical means). The network is logically designed to be a master-slave structure, where the data concentrator is considered a master device and each addressed node is the slave. And, in fact, any device can initiate the communication, thereby becoming a master, while the target node, having a unique address ID, becomes the slave device. Each node can also act as a data repeater, without any additional programming features, increasing both the reliability of the network and the statistical probability that the information from the master to the slave is delivered even under difficult network conditions. However, the coexistence of more than one master and more repeaters introduces the need for data collision management. Since more than one device can initiate communication at any time, this may cause a network jam, lowering overall performance. This potential problem can be solved using one of two main techniques. One of these - carrier sense multiple access with collision detect (CSMA/CD) - is used when a hardware device is able to detect any collision during the data transmission. The other - carrier sense multiple access with collision avoidance (CSMA/CA) - the one used with this transceiver, is used when the hardware does not have this capability. Figure 1. CSMA/CA The implemented conflict avoidance mechanism uses a backoff time and the “band in use” (BU) hardware feature of the PLM to avoid transmission conflicts. Before initiating any communication, each device waits until the band is free by checking its own BU flag. As soon as the band is free, a random backoff time is calculated. Once the backoff time has elapsed, if the band is still free, the transmission is started, otherwise the loop is started again (waiting for the BU and new backoff calculation). t TRANSMISSION Node B BACKOFF Node A Node C Node D BACKOFF BACKOFF BACKOFF BAND IN USE BAND IN USE BAND IN USE BACKOFF BACKOFF BACKOFF BACKOFF TRANSMISSION BAND FREE BAND IN USE BACKOFF BAND IN USE BAND IN USE BACKOFF BAND IN USE BACKOFF BAND FREE TRANSMISSION TRANSMISSION BAND FREE BAND FREE AM15243v1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |