Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST110S Datasheet(PDF) 4 Page - International Rectifier

Part # ST110S
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST110S Datasheet(HTML) 4 Page - International Rectifier

  ST110S Datasheet HTML 1Page - International Rectifier ST110S Datasheet HTML 2Page - International Rectifier ST110S Datasheet HTML 3Page - International Rectifier ST110S Datasheet HTML 4Page - International Rectifier ST110S Datasheet HTML 5Page - International Rectifier ST110S Datasheet HTML 6Page - International Rectifier ST110S Datasheet HTML 7Page - International Rectifier ST110S Datasheet HTML 8Page - International Rectifier ST110S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ST110S Series
Ordering Information Table
5
3
4
ST
11
0
S
16
P
0
V
7
6
89
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
Device Code
12
180°
0.035
0.025
T
J
= T
J
max.
120°
0.041
0.042
90°
0.052
0.056
K/W
60°
0.076
0.079
30°
0.126
0.127
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
S = Compression bonding Stud
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6
-
P = Stud base 20UNF threads
7
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Leads)
1 = Fast - on terminals (Gate and Auxiliary Cathode Leads)
2 = Flag terminals (For Cathode and Gate Terminals)
8
-
V = Glass-metal seal (only up to 1200V)
None = Ceramic housing (over 1200V)
9
-
Critical dv/dt: None = 500V/µsec (Standard value)
L
= 1000V/µsec (Special selection)
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com