Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST110S Datasheet(PDF) 5 Page - International Rectifier

Part # ST110S
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST110S Datasheet(HTML) 5 Page - International Rectifier

  ST110S Datasheet HTML 1Page - International Rectifier ST110S Datasheet HTML 2Page - International Rectifier ST110S Datasheet HTML 3Page - International Rectifier ST110S Datasheet HTML 4Page - International Rectifier ST110S Datasheet HTML 5Page - International Rectifier ST110S Datasheet HTML 6Page - International Rectifier ST110S Datasheet HTML 7Page - International Rectifier ST110S Datasheet HTML 8Page - International Rectifier ST110S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ST110S Series
Fast-on Terminals
Case Style TO-209AC (TO-94)
All dimensions in millimeters (inches)
Outline Table
C.S. 0.4 mm
2
10 (0.39)
RED SHRINK
RED CATHODE
RED SILICON RUBBER
4.3 (0.17) DIA
(.0006 s.i.)
8.5 (0.33) DIA.
16.5 (0.65) MAX.
CERAMIC HOUSING
22.5 (0.88) MAX. DIA.
SW 27
C.S. 16mm2
FLEXIBLE LEAD
(.025 s.i.)
2.6 (0.10) MAX.
WHITE SHRINK
29.5 (1.16)
MAX.
1/2"-20UNF-2A
WHITE GATE
215 (8.46)
C.S. 0.4 mm
2
215 (8.46)
10 (0.39)
WHITE SHRINK
RED SHRINK
RED CATHODE
RED SILICON RUBBER
4.3 (0.17) DIA
(.0006 s.i.)
GLASS METAL SEAL
8.5 (0.33) DIA.
16.5 (0.65) MAX.
23.5 (0.93) MAX. DIA.
C.S. 16mm 2
FLEXIBLE LEAD
(.025 s.i.)
2.6 (0.10) MAX.
29.5 (1.16) MAX.
1/2"-20UNF-2A
SW 27
WHITE GATE
AMP. 280000-1
REF-250
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com