Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN668 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN668
Description  A New High Power IC Surface Mount Package Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN668 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN668 Datasheet HTML 4Page - STMicroelectronics AN668 Datasheet HTML 5Page - STMicroelectronics AN668 Datasheet HTML 6Page - STMicroelectronics AN668 Datasheet HTML 7Page - STMicroelectronics AN668 Datasheet HTML 8Page - STMicroelectronics AN668 Datasheet HTML 9Page - STMicroelectronics AN668 Datasheet HTML 10Page - STMicroelectronics AN668 Datasheet HTML 11Page - STMicroelectronics AN668 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AN668 APPLICATION NOTE
8/19
Figure 6. Embossed cavity tape.
C] Coplanarity
Lead coplanarity is considered a major issue for
surface mount devices. In the case of Power sur-
face mount packages, whose slug is eventually
soldered on a substrate, coplanarity is also refer-
enced to the relative position of the slug and the
leads.
In the PowerSO-20/36, lead extremities and
package slug are positioned inside a 4 mil (0.1
mm) layer; this condition provides a high yield
mounting and soldering process.
D] Solder joint quality and inspection
When the package slug is soldered onto the sub-
strate, as in the many applications developed so
far, the need exists for producing a high quality
solder joint between the slug and its solder pad on
the board.
The PowerSO-20/36 structure is ideal from this
viewpoint: symmetry existing in the x-y plane pro-
vides a very good balance of the wetting forces,
once the solder paste is melted. A kind of self
centering effect has been observed, which is
mostly due to the dual-in-line outline and to the
excellent wettability of both leads and slug. This
results in a solder joint well controlled in thickness
and consistency.
An additional advantage of the PowerSO-20/36
outline is the presence of two exposed inspection
points on the slug, which has been intentionally
obtained in the package body (Figure 7). Propri-
etary processes keeps these two points free of
molding compound flash and allows evident sol-
der fillets after the soldering process.
Due to the symmetrical structure of PowerSO-
20,/36 the presence of solder fillet in both inspec-
tion points is a good indicator of joint quality and
planarity. It should be noticed that the same kind
of control is not possible in the surface mount
Multiwatt structure, which can show a good solder
fillet in the exposed section of the slug even with
a non-parallel joint and possible voiding. In this
case, the degradation of the junction to substrate
thermal resistance Rth(j-s) is more evident, as
shown in Figure 8.
E] Reliability after soldering process
Extensive evaluation of frame design and materi-
als provides the PowerSO-20/36 excellent reli-
ability performance after the soldering process,
as discussed in section 5. No degradation of the
8.60
13.00
Bo
4.50
11.50
Ao
24.00
A
A
1.50 min
R0.50 Typical
4.00
2.00
1.5 +0.1/-0.0
1.75
11.50
24.00 ±0.3
D94AN002
30 ±0.05
STRETCH
FORM
1.00
Ko



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com