Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1089 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1089
Description  CONTROL LOOP MODELING OF L6561-BASED TM PFC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1089 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1089 Datasheet HTML 2Page - STMicroelectronics AN1089 Datasheet HTML 3Page - STMicroelectronics AN1089 Datasheet HTML 4Page - STMicroelectronics AN1089 Datasheet HTML 5Page - STMicroelectronics AN1089 Datasheet HTML 6Page - STMicroelectronics AN1089 Datasheet HTML 7Page - STMicroelectronics AN1089 Datasheet HTML 8Page - STMicroelectronics AN1089 Datasheet HTML 9Page - STMicroelectronics AN1089 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
As a tool to ease the design of L6561’s E/A compensation networks in TM boost PFC preregulators, the
Appendix contains a Mathcad® file gathering the theory above illustrated and performing all the neces-
sary calculations.
Conclusions
This paper gets an insight into the control loop of TM controlled Boost PFC preregulators based on the
L6561 PFC controller. This reveals that the simple feedback capacitor used to compensate the error am-
plifier in preregulators for lamp ballast may not be adequate in systems that may experience large vari-
ations in input voltage and/or load current. Moreover it leads to an unstable loop if the load is a switching
converter. Appropriate compensation schemes are suggested for both cases and a calculation tool
(Mathcad® file) is provided so as to make control loop design easier in such systems.
References
[1] "L6561, Enhanced Transition Mode Power Factor Corrector", (AN966)
[2] "L6569 - L6561 Lighting Application with PFC" (AN991)
[3] "Electronic Ballast with PFC Using L6574 and L6561" (AN993)
[4] "Design Equations of High-Power-Factor Flyback Converters Based on the L6561" (AN1059)
[5] "Flyback Converters with the L6561 PFC Controller" (AN1060)
Appendix
This Mathcad® file allows to design the control loop and performs a stability analysis of PFC preregula-
tors in boost topology operated in Transition Mode and controlled by the L6561.
Highlighted equations indicate data that must be manually entered. These data are supposted to be
known to the user as a result of the design of the PFC preregulator (the use of the PFC design software
included in the CD-ROM "Linear and Switching Voltage Regulators" is recommended). The example val-
ues are taken from the L6561 demo board circuit.
PFC Converter Data:
Output Voltage
VO := 400
V
Output Capacitor
CO := 47
µF
Sense Resistor
Rs := 0.41
Ω
Output Overvoltage Threshold
OVP := 40
V
Expected Efficiency
η := 0.9
Multiplier Biasing:
Input Divider Upper Resistor
Rup := 1240
k
Ω
Input Divider Lower Resistor
Rlow := 10
k
Ω
Analysis Setpoint:
Mains RMS Voltage
Virms := 264
V
Output Power
PO := 80
W
AN1089 APPLICATION NOTE
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com