Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1089 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1089
Description  CONTROL LOOP MODELING OF L6561-BASED TM PFC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1089 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1089 Datasheet HTML 1Page - STMicroelectronics AN1089 Datasheet HTML 2Page - STMicroelectronics AN1089 Datasheet HTML 3Page - STMicroelectronics AN1089 Datasheet HTML 4Page - STMicroelectronics AN1089 Datasheet HTML 5Page - STMicroelectronics AN1089 Datasheet HTML 6Page - STMicroelectronics AN1089 Datasheet HTML 7Page - STMicroelectronics AN1089 Datasheet HTML 8Page - STMicroelectronics AN1089 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
INTRODUCTION
PFC preregulators based on the boost topology working in Transition Mode (TM, see fig. 1) have been
widespread in electronic lamp ballast systems. This kind of equipment almost always works under a sin-
gle mains supply (110 or 220 VAC, with some tolerance) and the use of a PFC preregulator is mainly
aimed at optimising the downstream half-bridge lamp driver and improving their inherent extremely poor
PF.
The PFC preregulator sees the downstream stage as a constant load, so it is requested to work under a
limited range of operating conditions. From the control loop standpoint, this means that the frequency
compensation of the error amplifier can be very simple, typically just a feedback capacitor. Its capaci-
tance will be high enough to ensure the crossover frequency of the open loop gain is low, so as to
achieve a high PF (see Ref. [1]).
March 2000
®
AN1089
APPLICATION NOTE
CONTROL LOOP MODELING OF L6561-BASED TM PFC
by Claudio Adragna
This paper provides a model and a tool for evaluating and improving the control loop characteristics
of L6561-based PFC preregulators in boost topology and operated in Transition Mode (TM).
Such a subject is now becoming topical since TM PFC preregulators are more and more used in sys-
tems other than electronic lamp ballast where the input voltage range is limited and the load current
is almost constant.
The ability to operate under large variations of both input voltage and load current, as well as the use
of TM PFC systems as preregulators for switching converters, requires a more accurate design of the
control loop. The goal will be not only to ensure a narrow bandwidth in order to achieve a high Power
Factor, but also to have enough phase margin so as to make sure the system is stable over a large
range of operating conditions.
8
3
R9
R10
Vac
5
6
L6561
7
21
R7
Co
Rs
R8
+
-
4
Vcc
Vo
Compensation
Network
Figure 1. Typical L6561-based TM PFC preregulator
1/12


Similar Part No. - AN1089

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN10897 NXP-AN10897 Datasheet
241Kb / 30P
A guide to designing for ESD and EMC
Rev. 02-19 January 2010
More results

Similar Description - AN1089

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
CLOSED LOOP CONTROL
logo
International Rectifier
IRMCO201 IRF-IRMCO201 Datasheet
119Kb / 1P
AC Servo Control FPGA Object Code Accelerator-TM Based Soft ASIC Manual
logo
STMicroelectronics
AN993 STMICROELECTRONICS-AN993 Datasheet
1Mb / 27P
Electronic ballast with PFC using L6574 and L6561
13-Jul-2009
AN1007 STMICROELECTRONICS-AN1007 Datasheet
65Kb / 6P
L6561 - BASED SWITCHER REPLACES MAG AMPS IN SILVER BOXES
Oct-2003
AN1060 STMICROELECTRONICS-AN1060 Datasheet
204Kb / 11P
FLYBACK CONVERTERS WITH THE L6561 PFC
Jan-2003
logo
Bruckewell Technology L...
BW7385A BWTECH-BW7385A Datasheet
755Kb / 9P
TM (Transition Mode) Fixed On -Time PFC Control
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
PFC ONE CYCLE CONTROL PFC IC
logo
Keysight Technologies
W2344EP KEYSIGHT-W2344EP Datasheet
901Kb / 10P
3D Electromagnetic Modeling
logo
STMicroelectronics
EVAL6562-250W STMICROELECTRONICS-EVAL6562-250W Datasheet
95Kb / 4P
L6562-250W High performance TM PFC
13-Nov-2006
logo
Lapp.
UDB281803 LAPP-UDB281803 Datasheet
105Kb / 2P
ÖLFLEX® CONTROL TM & ÖLFLEX® CONTROL TM CY
January 1, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com