Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1126 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1126 Datasheet HTML 7Page - STMicroelectronics AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics AN1126 Datasheet HTML 10Page - STMicroelectronics AN1126 Datasheet HTML 11Page - STMicroelectronics AN1126 Datasheet HTML 12Page - STMicroelectronics AN1126 Datasheet HTML 13Page - STMicroelectronics AN1126 Datasheet HTML 14Page - STMicroelectronics AN1126 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
With this choice the core losses are approximately 280mW. The temperature increasing of the core is
12°C approximately.
Output Capacitor
The selection of Cout is driven by the output ripple voltage required, 1% of Vo. This is defined by the
ESR of the output capacitance and by the maximum ripple current (0.525A).
The maximum ESR is:
ESR =
∆Vo/∆Io = 0.051/0.525 = 97mΩ
The selected capacitance is 220
µF/35V FA Panasonic with ESR = 90mW and the ripple voltage is
0.92% of Vo (47mV).
Bill of Material
C1, C3
680
µF / 35V FA PANASONIC 16x15 Irms=1690mA
C2
1.2nF/35V SMD 1206
C4
22nF SMD 1206
C16
4.7nF SMD 1206
C13
100nF/35V SMD 1206
C5,C15
15nF/35V SMD 1206
C6,C7,C12,C17,C18,C23
220nF/50V SMD 10% Kemet 1206 X7R
C8,C21
220
µF/35V FA PANASONIC 8x15
C10,C20
1
µF/10V electrolitic (not SMD)
C11,C22
not used
C14
10nF/35V SMD 1206
C9,C19
220pF SMD 1206
U1,U2
L4973D3.3
R1
22k SMD 1% 1206, 0.25W
R2
9.1k SMD 1% 1206, 0.25W
R3,R10
2.7k SMD 1% 1206, 0.25W
R4,R12
4.7k SMD 1% 1206, 0.25W
R6,R9
0.025 Ohm 1W 1% DALE WSL-2512
R7
0 SMD 1206
R11,R5,R8
10K SMD 1% 1206, 0.25W
D1
STPS640CB (DPAK)
D2
STPS640CB (DPAK)
U3
LM358 SO8 ST
Z1
Diodo Zener 25V SOT23
L1,L2
43
µH KoolMu Magnetics core 77120 34 Turns d(mm)=0.91 AWG19
Stability Analysis of the Current Loop.
In the current sharing configuration the U1 regulator acts as a master in order to regulate the output
voltage. The second section U2 works as current follower. Its task is to deliver an output current equal to
the current delivered from the first section. For the analysis of the stability, see Fig. 21, the current loop
of the U2 section can be considered as a separated loop from the voltage loop of the U1 section, consid-
ering that the current loop is quite faster than the voltage one.
AN1126 APPLICATION NOTE
11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com