Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1126 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics AN1126 Datasheet HTML 10Page - STMicroelectronics AN1126 Datasheet HTML 11Page - STMicroelectronics AN1126 Datasheet HTML 12Page - STMicroelectronics AN1126 Datasheet HTML 13Page - STMicroelectronics AN1126 Datasheet HTML 14Page - STMicroelectronics AN1126 Datasheet HTML 15Page - STMicroelectronics AN1126 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
For the stability of the voltage loop see the AN938.
The open loop transfer functions is composed of the following blocks :
- Error amplifier and compensation block :
A(s) =
Avo
⋅ (1 + s
⋅ Rc ⋅ Cc)
s
2
⋅ Ro ⋅ Co ⋅ Rc ⋅ Cc + s ⋅ (Ro ⋅ Cc + Ro ⋅ Co + Rc ⋅ Cc) + 1
in which Ro = 1.2M
Ω and Co = 220pF are internal capacitance and resistance of the Error Amplifier
while Rc and Cc are the compensation values.
- Output LC filter:
Gfil
(s) =
1
RL
+ Rs
⋅
s
⋅ Cout⋅ (RL + ESR) + 1
s
2
⋅ Cout ⋅
(ESR + RL) ⋅ L
RL
+ Rs
+ s ⋅
Cout
⋅ Rs ⋅ (RL + ESR) + L + RL ⋅ ESR ⋅ Cout
RL
+ Rs
+ 1
Rs is the sensing resistor, RL is the load resistance.
PWM gain:
Gpwm
= Vcc ⁄ Vct =
Vcc
⋅ 6
Vcc
− 1
≈ 6
where Vct is the peak to peak saw tooth oscillator.
Ro
gm
Cc
Rc
Co
D99IN1022
Figure 17. Error Amplifier Compensation Cir-
cuit
Rs
Cout
I +
Vout
ESR
L
RL
Figure 18. Output filter
LM358
5
6
+
7
-
Rint
Cint
FB
Rs
Cout
I +
Rs
I -
Cout
Vout
R
Figure 19. Current feedback.
AN1126 APPLICATION NOTE
12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com