Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1132 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1132
Description  90W SMPS FOR MONITORS WITH STANDBY FUNCTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1132 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1132 Datasheet HTML 2Page - STMicroelectronics AN1132 Datasheet HTML 3Page - STMicroelectronics AN1132 Datasheet HTML 4Page - STMicroelectronics AN1132 Datasheet HTML 5Page - STMicroelectronics AN1132 Datasheet HTML 6Page - STMicroelectronics AN1132 Datasheet HTML 7Page - STMicroelectronics AN1132 Datasheet HTML 8Page - STMicroelectronics AN1132 Datasheet HTML 9Page - STMicroelectronics AN1132 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
This circuit, really inexpensive, dissipates about 300 mW @ 264 Vac. The typical wake-up time is 2.8 s
at 88 Vac and 0.8 s at 264 Vac. Should the wake-up time become an issue, a more expensive solution
would be adopted. The PCB is also able to accommodate an active start-up circuit that, under the same
conditions, dissipates less than 10 mW and provides 0.7 s and 0.2 s wake-up times respectively. The
schematic is shown in fig. 3 (R2 and R3 will be removed).
A further improvement of light load efficiency can be achieved by replacing the RCD clamp (C10, R21)
with a Transil. The suggested part is a 1.5KE150A. This slightly worsens efficiency at full load but allows
to save about 200 mW, currently dissipated on R21, at light load.
Application board evaluation: getting started
The AC voltage, from an AC source ranging from 88 VRMS to 264 VRMS, will be applied to connector
M1 (close to the top left-hand corner). The 200VDC and 80VDC outputs are located in connector M2
(top right-hand corner) while
±15VDC and 6.3VDC outputs are available at connector M3, near the bot-
tom right-hand corner.
Like in any offline circuit, extreme caution must be used when working with the application
board because it contains dangerous and lethal potentials. The application must be tested with
an isolation transformer connected between the AC mains and the input of the board to avoid
any risk of electrical shock.
Application board evaluation: results
In the following tables the results of some bench evaluations are summarised. Some waveforms under
different load and line conditions, as well as system’s transient response are also shown for user’s refer-
ence and to illustrate the operation of the standby function.
Table 4. Full load measurements
VAC [V]
88
110
160
220
264
Pin [W]
105.4
103.5
101.5
100.6
100.3
Vout [V]
199.9
199.9
199.9
199.9
199.9
79.43
79.43
79.4
79.36
79.36
14.27
14.26
14.29
14.26
14.26
-14.41
-14.4
-14.36
-14.39
-14.38
6.65
6.65
6.65
6.65
6.65
Pout [W]
89.75
89.74
89.72
89.7
89.7
η [%]
85.2
86.7
88.4
89.2
89.4
Load conditions: 200V: 630
Ω; 80V: 600Ω; ±15V: 80Ω; 6.3V: 8Ω
Table 5. Consumption from the mains in Suspend mode (PO = 5.5W)
VAC [V]
88
110
160
220
264
Pin [W]
6.9
7
7
7.1
7.2
Load conditions: 200V: open; 80V: open;
±15V: 0.5W; 6.3V: 8Ω
Table 6. Consumption from the mains in OFF mode (PO = 0.5W)
VAC [V]
88
110
160
220
264
Pin [W]
1.3
1.4
1.5
1.6
1.8
Pin [W] (*)
1.2
1.2
1.3
1.4
1.5
Load conditions: 200V: open; 80V: open; +15V: 0.5W; 6.3V: open
(*) With the active start-up circuit of fig.3
AN1132 APPLICATION NOTE
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com