Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1132 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1132
Description  90W SMPS FOR MONITORS WITH STANDBY FUNCTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1132 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1132 Datasheet HTML 1Page - STMicroelectronics AN1132 Datasheet HTML 2Page - STMicroelectronics AN1132 Datasheet HTML 3Page - STMicroelectronics AN1132 Datasheet HTML 4Page - STMicroelectronics AN1132 Datasheet HTML 5Page - STMicroelectronics AN1132 Datasheet HTML 6Page - STMicroelectronics AN1132 Datasheet HTML 7Page - STMicroelectronics AN1132 Datasheet HTML 8Page - STMicroelectronics AN1132 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Design Specifications
Table 1 summarises the electrical specification of the application. The complete electrical schematic is
shown in fig. 1 and the bill of material is listed in Table 2.
Table 1. Design Specification
Input Voltage Range (Vin)
88 to 264 Vac
Mains Frequency (fL)
50/60 Hz
Maximum Output Power (Pout)
90W
Outputs
Horizontal Deflection
Vout = 200V
Iout = 0.325A
Full load ripple = 1%
Video Amplifier
Vout = 80V
Iout = 0.125A
Full load ripple = 1%
Vertical Deflection
Vout =
±15V
Iout = 0.33A
Full load ripple = 1%
Heater
Vout = 6.3V
Iout = 0.8A
Full load ripple = 2%
Switching Frequency in Normal Mode (fosc)
40kHz
Switching Frequency in Suspend / OFF mode (fSB)
18kHz
Target Efficiency (@ Pout =90W, Vin =88
÷264 Vac) (η)
> 80%
Maximum Input Power (@ Pout = 0.5 W, Vin =88
÷ 264 Vac)
≤ 2W
The selected topology is flyback. The operation mode (@ Pout = 90W ) is CCM (Continuous Conduction
Mode) at low mains voltage, DCM (Discontinuous Conduction Mode) at high mains voltage. This design
choice relieves the stress on the power components at low mains voltage, compared with a full DCM so-
lution.
The application will benefit from the features of the L5991 PWM controller in order to minimise the power
drawn from the mains under light load conditions: low start-up and quiescent currents, and Standby
function.
September 2000
®
AN1132
APPLICATION NOTE
90W SMPS FOR MONITORS WITH STANDBY FUNCTION
by Claudio Adragna
Purpose of this note is to provide a brief summary of the specifications and the functionality of the ap-
plication board implementing a 90W multioutput SMPS for monitors, based on the L5991, current
mode PWM controller.
Evaluation results are also presented so as to underline the benefits offered by the L5991 in such a
new generation of SMPS that requires a superior efficiency in standby conditions, aiming at compli-
ance with energy saving standards.
1/12


Similar Part No. - AN1132

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN113 SILABS-AN113 Datasheet
496Kb / 52P
SERIAL COMMUNICATION WITH THE SMBUS
logo
NXP Semiconductors
AN11308 NXP-AN11308 Datasheet
2Mb / 40P
Quick Start Up Guide PNEV512B Board
Rev. 2.4-26 June 2018
logo
STMicroelectronics
AN1131 STMICROELECTRONICS-AN1131 Datasheet
215Kb / 17P
This application note provides information
AN1134 STMICROELECTRONICS-AN1134 Datasheet
198Kb / 9P
45W AC-DC ADAPTER WITH STANDBY FUNCTION
Dec-1999
More results

Similar Description - AN1132

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1225 ONSEMI-NCP1225 Datasheet
44Kb / 6P
Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
NXP Semiconductors
TEA1541 PHILIPS-TEA1541 Datasheet
112Kb / 19P
SMPS control IC with synchronization function
2003 Aug 11
TEA1703T NXP-TEA1703T Datasheet
231Kb / 15P
GreenChip SMPS standby control IC
Rev. 2.3-28 April 2011
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
logo
STMicroelectronics
AN1134 STMICROELECTRONICS-AN1134 Datasheet
198Kb / 9P
45W AC-DC ADAPTER WITH STANDBY FUNCTION
Dec-1999
AN1657 STMICROELECTRONICS-AN1657 Datasheet
166Kb / 9P
SMPS FOR CRT MONITORS WITH THE L6565
Feb-2003
logo
NXP Semiconductors
TEA1703TS PHILIPS-TEA1703TS Datasheet
342Kb / 15P
GreenChip SMPS standby control IC
Rev. 1-7 June 2012
logo
New Japan Radio
NJM2344 NJRC-NJM2344 Datasheet
156Kb / 9P
PWM DC/DC Converter IC with Standby Function
NJM2345 NJRC-NJM2345 Datasheet
144Kb / 8P
PWM DC/DC Converter IC with Standby Function
NJU7632 NJRC-NJU7632 Datasheet
174Kb / 9P
Step-Down switching regulator IC with standby function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com