Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1283 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1283
Description  A BATTERY CHARGER USING TSM101
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1283 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1283 Datasheet HTML 1Page - STMicroelectronics AN1283 Datasheet HTML 2Page - STMicroelectronics AN1283 Datasheet HTML 3Page - STMicroelectronics AN1283 Datasheet HTML 4Page - STMicroelectronics AN1283 Datasheet HTML 5Page - STMicroelectronics AN1283 Datasheet HTML 6Page - STMicroelectronics AN1283 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AN1283 - APPLICATION NOTE
6/7
EVALUATION BOARD - TECHNICAL NOTE
TSM101 integrates in the same 8 pin DIP or SO
package
u one 1.24V precision voltage reference
u two operational amplifiers
u two diodes which impose a NOR function
on the outputs of the operational amplifiers
u one current source which can be activated/
inhibited thanks to an external pin.
An immediate way to take advantage of the high
integration and reliability of TSM101 is to use it as
a voltage and current controller on power supplies
secondary.
The
application
note
AN1283
describes precisely how to use TSM101 in an
SMPS battery charger.
The TSM101 Evaluation Board is adaptable to any
power supply or battery charger (SMPS or linear)
as a voltage and current controller with minimal
constraints from the user.
HOW TO USE THE TSM101 EVALUATION
BOARD ?
The generic Electrical Schematic is shown on
Figure 7. It represents an incomplete SMPS
power supply where the primary side is simplified.
The
“IN+”and
“IN-” power inputs
of the
evaluation board should be connected directly to
the power lines of the power supply secondary.
The “Vcc” input of the evaluation board should
be connected to the auxiliary supply line.
In the case of an SMPS power supply, the “Reg”
output
of
the
evaluation
board
should
be
connected to the Optocoupler input to regulate the
PWM block in the primary side. In the case of a
linear power supply, the “Reg” output should be
connected to the base of the darlington to regulate
the power output.
A diode might be needed on the output of the
evaluation board in the case of a battery charger
application to avoid the discharge of the battery
when the charger is not connected.
COMPONENTS CALCULATIONS
The voltage control is given by the choice of the
resistor bridge R6/R7 (and the trimmer P1) due to
equation 1 :
u V
ref = R6/(R6+R7)xVout
eq1
where Vref = 1.24V
The current control is given by the choice of the
voltage drop through the sense resistor R5 (to be
linked to the nominal current of the application)
and by the value of the sense resistor itself.
Figure 7: Evaluation board schematic



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com