Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1283 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1283
Description  A BATTERY CHARGER USING TSM101
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1283 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1283 Datasheet HTML 1Page - STMicroelectronics AN1283 Datasheet HTML 2Page - STMicroelectronics AN1283 Datasheet HTML 3Page - STMicroelectronics AN1283 Datasheet HTML 4Page - STMicroelectronics AN1283 Datasheet HTML 5Page - STMicroelectronics AN1283 Datasheet HTML 6Page - STMicroelectronics AN1283 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
This technical note shows how to use the TSM101
integrated circuit with a switching mode power
supply (SMPS) to realize a battery charger.
An
example
of
realization
of
a
12V
Nickel-Cadmium battery charger is given.
1 - TSM101 PRESENTATION
The TSM101 integrated circuit incorporates a high
stability series band gap voltage reference, two
ORed operational amplifiers and a current source
(Figure 1).
Figure 1 : TSM101 Schematic Diagram
This IC compares the DC voltage and the current
level at the output of a switching power supply to
an internal reference. It provides a feedback
through an optocoupler to the PWM controller IC
in the primary side.
The controlled current generator can be used to
modify the level of current limitation by offsetting
the information coming from the current sensing
resistor.
A great majority of low or medium end power
supplies is voltage regulated by using shunt
programmable voltage references like the TL431
(Figure 2).
The galvanic insulation of the control information
is done by using an optocoupler in linear mode
with a variable photo current depending on the
difference between the actual output voltage and
the desired one.
A current limitation is used to protect the power
supply against short circuits, but lacks precision.
This limitation is generally realized by sensing the
current of the power transistor, in the primary side
of the SMPS.
The role of the TSM101 is to make a fine
regulation of the output current of the SMPS and a
precise voltage limitation.
The primary current limitation is conserved and
acts as a security for a fail-safe operation if a
short-circuit occurs at the output of the charger.
2 - PRINCIPLE OF OPERATION
The current regulation loop and the voltage
limitation loop use an internal 1.24V band-gap
voltage reference. This voltage reference has a
good precision (better than 1.5%) and exhibits a
very stable temperature behavior.
The current limitation is performed by sensing the
voltage across the low ohmic value resistor R5
and comparing it to a fixed value set by the bridge
composed by R2 and R3 (Figure 3).
When the voltage on R5 is higher than the voltage
on R3 the output of the current loop operational
amplifier decreases. The optocoupler current
increases and tends to reduce the output voltage
by the way of the PWM controller.
The voltage regulation is done by comparing a
part of the output voltage (resistor bridge R6, R7
and P1) to the voltage reference (1.24V).
If this part is higher than 1.24V, the output of the
voltage loop operational amplifier decreases.
The optocoupler current increases and tends to
reduce the output voltage by the way of the PWM
controller.
By enabling the TSM101 current source (pin 2) it
is possible to offset the current sensing by a
voltage equal to :
with I0 = 1.4mA
This offset lowers the output charge current and
this function can be used to charge two types of
batteries having different capacities. The current
source is enabled by connecting pin 2 to ground.
VCC
VREF
CSEN
CRREF
GND
CRIN
OUT
VRIN
1.24V
1.4mA
1
2
3
45
6
7
8
V
OFF
R
4 I0
⋅
=
AN1283
APPLICATION NOTE
A BATTERY CHARGER USING TSM101
May 2001
by S. LAFFONT and R. LIOU


Similar Part No. - AN1283

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
AN1281 STMICROELECTRONICS-AN1281 Datasheet
47Kb / 3P
TS613 AS DRIVER FOR ADSL LINE INTERFACES
Jun-2000
logo
Panasonic Semiconductor
AN1281SSM PANASONIC-AN1281SSM Datasheet
55Kb / 2P
Ripple Filter IC
logo
STMicroelectronics
AN1282 STMICROELECTRONICS-AN1282 Datasheet
179Kb / 2P
PREAMPLIFIER AND SPEAKER DRIVER USING TS925
Jun-2000
AN1284 STMICROELECTRONICS-AN1284 Datasheet
79Kb / 3P
A Li-Ion BATTERY CHARGER USING TSM102A
Jul-2000
More results

Similar Description - AN1283

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSAC-8507BC STMICROELECTRONICS-GSAC-8507BC Datasheet
60Kb / 4P
BATTERY CHARGER
Feb-1994
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
BATTERY CHARGER
Feb-1994
logo
Silicon Laboratories
AN137 SILABS-AN137 Datasheet
380Kb / 36P
LITHIUM ION BATTERY CHARGER USING C8051F300
logo
STMicroelectronics
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
07-Jul-2008
AN1284 STMICROELECTRONICS-AN1284 Datasheet
79Kb / 3P
A Li-Ion BATTERY CHARGER USING TSM102A
Jul-2000
AN2390 STMICROELECTRONICS-AN2390 Datasheet
578Kb / 42P
A flexible universal battery charger
21-Aug-2007
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
Battery Charger
logo
Power Sonic Corporation
PSC-121000A-C POWER-SONIC-PSC-121000A-C Datasheet
334Kb / 1P
Sealed Lead Acid Battery Charger A-C Battery Charger Series
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
Battery Charger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com