Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1300 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1300
Description  L6598 BASED 12V/3A RESONANT APPLICATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1300 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1300 Datasheet HTML 1Page - STMicroelectronics AN1300 Datasheet HTML 2Page - STMicroelectronics AN1300 Datasheet HTML 3Page - STMicroelectronics AN1300 Datasheet HTML 4Page - STMicroelectronics AN1300 Datasheet HTML 5Page - STMicroelectronics AN1300 Datasheet HTML 6Page - STMicroelectronics AN1300 Datasheet HTML 7Page - STMicroelectronics AN1300 Datasheet HTML 8Page - STMicroelectronics AN1300 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AN1300 APPLICATION NOTE
6/9
Design of the Input Circuit
The input filter capacitor’s value is determined by the amount of ripple one desires on the DC input voltage of
the converter. The ripple voltage of 5-10V is typical. The input capacitor can then be estimated by:
[Eq. 7]
The approximate value of the input capacitor is then 100-150
µF
The 60Hz input rectifiers for the typical capacitor input filter would be determined by the current that is higher
than the average input current but lower than the estimated peak current. The input current rating is then ap-
proximated by Eq. 8.
[Eq. 8}
The input current rating of the input rectifier should then be equal to or greater than 0.8A. The reverse voltage
rating would then be 2 times the peak input voltage or 400V. The input rectifiers should then br 1N4004.
Selection of the Semiconductors
The power Switches:
Since this is a half-bridge 155 VAC application, the power MOS FETs need only have a breakdown voltage
(VDSS) of between 200 to 250 volts. The choice of N-channel MOSFET is the IRF630S.
The output Rectifiers:
The minimum reverse voltage that the output rectifiers will see will be about 25 volts. The RMS current that
each output rectifier will see will be about 1.5 amperes. The diode current waveform will be a half-rectified sine,
which will have an approximate peak value of 6 amperes. Since its peak current is much greater than its average
current, it is a good idea to select a schottky rectifier that is about the value of the peak value, to keep the voltage
drop during the conduction time to a minimum. Therefore a rectifier of 5 or more amperes would wise. A good
choice would be STPS8L30B. This rectifier is an 8 A schottky diode with a reverse voltage of 30 V.
Design of the Control Circuitry:
The functions that need setting-up are the excursion limits of the frequency control. These are controlled by the
4pins; Rfmin,Rfstart,Css and Cf. The frequency parameters of these pins must be referenced to the resonant
frequency of the tank circuit. Some adjustment will be necessary after the converter is built, to set the control
loop to the actual resulting resonance frequency of the physical tank circuit. In a production setting, these control
limits should be checked with the production transformer and resonant capacitor.
There is some interaction between the frequency-setting pins. This is necessary for consistent operation of the
VCO.
The soft-start capacitor is determined by:
[Eq. 9]
For a 0.5 second soft-start period the soft-start capacitor is approximately 0.3
µF.
One then determines the minimum operating frequency, which should be set at approximately 1.1fr. Since there
is one equation and two unknowsns. I will select the oscillator capacitor as 360pF. The Rfmin resistor is found by:
[Eq. 10]
Rfmin is then approximately 36k
Ω.
C
in
()
0.3P
in
()
f
in Vin m in
()
() V
rip ple p
p
–
()
()
----------------------------------------------------------------------
≈
I
in rec t
()
P
in rated
()
0.4 V
in m in
()
------------------------------
≈
C
SS
0.15
/
µF
sec
()
T
SS
-------------------------------------
=
R
fmin
1.41
f
min Cf
()
---------------------
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com