Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1300 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1300
Description  L6598 BASED 12V/3A RESONANT APPLICATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1300 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1300 Datasheet HTML 1Page - STMicroelectronics AN1300 Datasheet HTML 2Page - STMicroelectronics AN1300 Datasheet HTML 3Page - STMicroelectronics AN1300 Datasheet HTML 4Page - STMicroelectronics AN1300 Datasheet HTML 5Page - STMicroelectronics AN1300 Datasheet HTML 6Page - STMicroelectronics AN1300 Datasheet HTML 7Page - STMicroelectronics AN1300 Datasheet HTML 8Page - STMicroelectronics AN1300 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
AN1300
APPLICATION NOTE
October 2000
Operation of the Resonant Converters
Full-resonant converters are based upon the half-bridge and full-bridge PWM topologies. They are driven with
a symmetrical waveform whose frequency is changed to control the output voltage. There is a deadtime provid-
ed between the conduction of the upper and lower power switches to turn-on with zero voltage witching. Here
the drain voltage of the MOSFET turning off immediately swings to the opposite voltage and causes the oppos-
ing antiparallel diode to conduct The opposing MOSFET can then turn-on with a very low drain-to-source volt-
age.
There are two major types of resonant converters: the parallel- resonant converter shown in figure 1a, and the
series-resonant converter shown in figure 1b.
Figure 1. The Two Types of Resonant Converters
(a) Parallel
(b) Series
by Eric Danstrom
L6598 BASED 12V/3A RESONANT APPLICATION
Off-line switching power supplies have two major problems: high switching losses, and an operating en-
vironment, which is very sensitive to the radiation of Electromagnetic Interference (EMI) and Radio Fre-
quency Interference (RFI). The switching losses are a largest creator of EMI (conducted) and RFI
(radiated), so their control and reduction is a major benefit to the power supply designer. Resonant tech-
niques offer a hope for greatly reducing the switching losses and hence the factors contributing to the
EMI and RFI. This paper will present and organized approach to the design of a 36-watt, full-resonant,
off-line converter that can be used for portable PC applications.


Similar Part No. - AN1300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
SINGLE PORT FAST ETHERNET TRANSCEIVER
26-Oct-2000
logo
Microchip Technology
AN1302 MICROCHIP-AN1302 Datasheet
100Kb / 8P
An I2C??Bootloader for the PIC16F1XXX Enhanced Core
03/26/09
More results

Similar Description - AN1300

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2678 ROHM-2SD2678 Datasheet
100Kb / 3P
3A / 12V Bipolar transistor
2SB1713 ROHM-2SB1713 Datasheet
100Kb / 3P
-3A / -12V Bipolar transistor
logo
Anpec Electronics Corop...
APW7143 ANPEC-APW7143 Datasheet
621Kb / 19P
3A, 12V, Asynchronous Buck Converter
logo
Rohm
US6X3 ROHM-US6X3_1 Datasheet
79Kb / 3P
Low frequency amplifier (12V, 3A)
QST2TR ROHM-QST2TR Datasheet
60Kb / 3P
General purpose amplification (-12V, -3A)
logo
STMicroelectronics
AN1673 STMICROELECTRONICS-AN1673 Datasheet
208Kb / 24P
L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
Apr-2004
logo
Shaanxi Reactor Micro...
RM3257D REACTOR-RM3257D Datasheet
467Kb / 3P
12V/1A charger application
RM6222D REACTOR-RM6222D Datasheet
231Kb / 3P
12V/1A power adapter application
RM6312D REACTOR-RM6312D Datasheet
874Kb / 3P
12V/1A power adapter application
logo
Weidmuller
2660200278 WEIDMULLER-2660200278 Datasheet
149Kb / 3P
PRO PM 35W 12V 3A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com