Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1606 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1606
Description  This application features the L4981 PFC controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1606 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1606 Datasheet HTML 9Page - STMicroelectronics AN1606 Datasheet HTML 10Page - STMicroelectronics AN1606 Datasheet HTML 11Page - STMicroelectronics AN1606 Datasheet HTML 12Page - STMicroelectronics AN1606 Datasheet HTML 13Page - STMicroelectronics AN1606 Datasheet HTML 14Page - STMicroelectronics AN1606 Datasheet HTML 15Page - STMicroelectronics AN1606 Datasheet HTML 16Page - STMicroelectronics AN1606 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
AN1606 APPLICATION NOTE
B.O.M. for 800W Bridgeless Evaluation Circuit.
L2,#(1/ 50+50)# sense transformer;
L3#(1/50)# sense transformer
#Ferrites Hy_perm.' Diam.=20mm
D1,2,3,4 ; D7,8,9,10,11,12,13 = 1N4148 ;
Dz1 = 1N4746;
Q5 = BS170
L1=450 µH; => E66*33*27-18+18 turns 3mm/gapped# 20 wires //m=0.4 mm each.
D5,6 = STTH8R06FP;
Q1,2,3,4=STY34NB50F
Note: For the evaluation circuit and external coupled inductor EMC where utilized.
The filter has been achieved as follows: -
Coupled inductor (30 + 30) turns; wire diameter = 0.8mm on a toroidal (40x17x9 mm): -
Magnetizing inductance (each half inductor) Lm=8mH and a leakage inductance, Ld=50
µH.
Scaling down the application.
As a second step, based on the same circuit, a 600W P.F.C. has been built.
The target specification designed for server application is.
600W Target:
1- Wide range input mains 110Vrms to 220Vrms.
2- Output power = 600W.
2- Output voltage = 400Vdc.
The switching frequency has been set at 75kHz to use a reduced size and high performance PowerMOS.
Name
Value
Name
Value
Name
Value
Name
Value
Name
Value
R1
68
R2,3,4,5
10
R6
1.8
R7
100
R8
5
R9
2.7 k
R10
1.5 k
R11,12,14,15
1 M
R13
22 k
R16
25.5 k
R17
3.9k
R18
27 k
R19
220 k
R20
2.7 k
R21
5.6 k
R22,24,27
30 k
Ω R23,30,31,32,33 150 kΩ R25,26,28,29 499 kΩ
R34
12 k
RSN
12
C1,3
1
µF
C2
220
µF
C4
330
µF
C5
10 nF
C6
1
µF
C7
1.8 nF
C8
1
µF
C10
120 nF
C11
1 nF
C12
5.6 nF
C13
470 nF
C14
2.7 nF
C15
100 nF
C16
390 nF
NTC
2.5
B57364
F1
20A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com