Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1623 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1623
Description  REGULATION LOOPS PRECISION CALCULATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1623 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1623 Datasheet HTML 1Page - STMicroelectronics AN1623 Datasheet HTML 2Page - STMicroelectronics AN1623 Datasheet HTML 3Page - STMicroelectronics AN1623 Datasheet HTML 4Page - STMicroelectronics AN1623 Datasheet HTML 5Page - STMicroelectronics AN1623 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AN1623 - APPLICATION NOTE
6/6
Figure 4 : Simplify model for voltage precision calculation
3
CONCLUSION
This application note relative to the TSM1011
shows how very simple it is to calculate a current
and voltage variation in order to discern how
many parameters characterize the precision of
regulation loop.
In accordance with market needs, current and
voltage precision in the TSM1011 is extremely
accurate. This allows a broaden application range
for our products as compared with those of
competitors. At this moment the current and
voltage variation precision requested by market
is:
The TSM1011 ("A" version) shows excellent
performance
in
typical
adapter
and
battery
charger applications.
The results achieved in the above two practical
examples for current and voltage precision are:
These results confirm the optimum performances
and give clear explanation
of the
external
parameters that affect accuracy and precision for
the TSM1011
Attached to this application note is an Excel file
showing the general schematic of the TSM1011
and which allows the possibility of varying values
Ilim and Vlim according to the parameter variations
that characterize the application.
It is possible, moreover, to change the resistor
accuracy in order to avoid high-cost components
when the application requires a lower precision.
6
Vcc
Vlim
1
5
TSM1011
4
R3
Iout
Vref
7
28V
R2
R1
Gnd
V1
Ve-
Ve+
Vio
GmV1
Out
%
1
I
I
lim
tot
lim
0
±
=
∆
5%
V
V
lim
tot
lim
±
=
∆
%
5
.
5
I
I
lim
tot
lim
±
=
∆
%
3
.
2
V
V
lim
tot
lim
±
=
∆
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
http://www.st.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com