Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1623 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1623
Description  REGULATION LOOPS PRECISION CALCULATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1623 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1623 Datasheet HTML 1Page - STMicroelectronics AN1623 Datasheet HTML 2Page - STMicroelectronics AN1623 Datasheet HTML 3Page - STMicroelectronics AN1623 Datasheet HTML 4Page - STMicroelectronics AN1623 Datasheet HTML 5Page - STMicroelectronics AN1623 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
1
PRINCIPLE OF OPERATION
This technical note shows how it is possible to
calculate the current and voltage precision in the
regulation loop of the TSM1011.
The TSM1011 is a highly integrated solution for
SMPS
applications
requiring
CV
(Constant
Voltage) and CC (Constant Current) mode.
The TSM1011 integrates one voltage reference
and two operational amplifiers (with ORed outputs
- common collector).
The
voltage
reference
combined
with
one
operational amplifier makes it an ideal voltage
controller.
The other operational amplifier, combined with
few external resistors and the voltage reference,
can be used as a current limiter.
This circuit is designed for use in battery chargers
with a constant voltage and a limited output
current and in adapters.
It can be used in every type of application
requiring
0.5%
and
1%
voltage
reference
precision fixed at 2.5 Volts.
Figure 1 : Typical application using TSM1011 inSSMPS
1.1 Voltage Control
The Voltage Control loop is controlled via a first
transconductance
operational
amplifier,
the
optocoupler which is directly connected to the
output and an external resistor bridge connected
between the output positive line and the Ground
reference.
The middle point is to be connected to the CV- pin
of TSM1011, and, if R2 is the upper resistor, and
R1, the lower resistor of the bridge, the
relationship between R2 and R1 value should be
chosen as written in Equation 1:
Equation 1
where Vlim
is the desired maximum output
voltage.
When under constant voltage control mode, the
output voltage is fixed thanks to the R1/R2 resistor
bridge. To avoid the discharge of the load, the
resistor bridge R1, R2, should be highly resistive.
Rsense
C2
R2
R1
C1
C3
optocoupler
secondary side
Cic1
Cvc1
Ric1
Rvc1
Rlimit
2
3
4
8
6
5
28V
Vref
Vcc
CC
CC-
CC+
Gnd
CV
CV-
CV+
Out
2,5V
R4
R5
1
R3
D1
D2
OUT+
OUT-
Ric2
TSM1011
7
PWM
controller
optocoupler
primary side
()
1
2
1
ref
lim
ref
2
1
lim
R
R
R
V
V
V
,
R
,
R
f
V
+
=
=
by Giuseppe SCUDERI
AN1623
APPLICATION NOTE
TSM1011:
REGULATION LOOPS PRECISION CALCULATION
November 2002


Similar Part No. - AN1623

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
AN1623 ARISTA-AN1623 Datasheet
2Mb / 58P
7280 Series 1 RU (Gen 3) Data Center Switches
More results

Similar Description - AN1623

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9050 FAIRCHILD-AN-9050 Datasheet
229Kb / 7P
Power Loss Calculation
logo
Anaren Microwave
10012-6 ANAREN-10012-6 Datasheet
791Kb / 3P
Leveling Loops
10012-10 ANAREN-10012-10 Datasheet
325Kb / 3P
Leveling Loops
10012-30 ANAREN-10012-30 Datasheet
231Kb / 3P
Leveling Loops
logo
STMicroelectronics
STM32F048C6 STMICROELECTRONICS-STM32F048C6 Datasheet
1Mb / 98P
CRC calculation unit
10-Jan-2017
STM32F078CB STMICROELECTRONICS-STM32F078CB Datasheet
1Mb / 120P
CRC calculation unit
10-Jan-2017
STM32F302XD STMICROELECTRONICS-STM32F302XD Datasheet
2Mb / 168P
CRC calculation unit
October 2016 Rev 4
STM32F328C8 STMICROELECTRONICS-STM32F328C8 Datasheet
1Mb / 109P
CRC calculation unit
January 2015 Rev 3
STM32F398VE STMICROELECTRONICS-STM32F398VE Datasheet
1Mb / 151P
CRC calculation unit
09-Jul-2015
logo
Abracon Corporation
ASG-P ABRACON-ASG-P Datasheet
2Mb / 5P
Phase Locked Loops
04.27.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com