Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1657 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1657
Description  SMPS FOR CRT MONITORS WITH THE L6565
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1657 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1657 Datasheet HTML 1Page - STMicroelectronics AN1657 Datasheet HTML 2Page - STMicroelectronics AN1657 Datasheet HTML 3Page - STMicroelectronics AN1657 Datasheet HTML 4Page - STMicroelectronics AN1657 Datasheet HTML 5Page - STMicroelectronics AN1657 Datasheet HTML 6Page - STMicroelectronics AN1657 Datasheet HTML 7Page - STMicroelectronics AN1657 Datasheet HTML 8Page - STMicroelectronics AN1657 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AN1657 APPLICATION NOTE
6/9
Under steady-state operation the L6565 will be then shortly activated with a repetition rate TRep essentially
given by TDecay + TRestart, where TDecay is the time that VCC takes to span VCC hysteresis downward:
,
and Iq is the quiescent consumption of the L6565. The input of the linear regulator is a sawtooth going
from a peak
≈VT to a valley that depends on TRep, C13 and the input current to the LE50CZ. Also Vcc is
a sawtooth going up and down from VCCOn to VCCOff .
When the monitor is to resume its normal operation the OFF input will be grounded thus inhibiting Q4 and
disabling the OFF-mode circuit. However, the L6565 will be able to respond only when it is active. Under
the worst-case conditions, that is the OFF input is grounded just after the IC has been shut down, the
L6565 will be responsive only after a time TRep. The power management software must take this into ac-
count, re-enabling the loads on all of the outputs with a delay not shorter than TRep after grounding the
OFF input.
Experimental results
In the following tables the results of some bench evaluations are summarized. Some waveforms at full
load and off-mode under different line conditions are shown for user's reference, with some stress on the
OFF-mode management of the "1W initiative" compliant design.
As to the full-load performance there is no significant difference between the two designs presented: table
3 is common to both. Same applies to table 4 that shows the consumption during Suspend-mode opera-
tion, a particular low-consumption mode envisaged by VESA standards. No special action is taken to keep
the consumption below the limit (Pin < 15W): the converter can comfortably fulfill this requirement.
Table 3. L6565-based, 90W SMPS for CRT monitor: line regulation and full load efficiency
Table 4. L6565-based, 90W SMPS for CRT monitor: Suspend-mode consumption
VAC [V]
88
110
132
176
220
264
Pin [W]
103.9
101.0
99.6
98.4
98.4
98.6
Vout [V]
199.90
199.87
199.84
199.83
199.86
199.82
79.45
79.40
79.39
79.37
79.38
79.39
14.12
14.13
14,14
14.14
14.16
14.16
-14.20
-14.20
-14.21
-14.21
-14.22
-14.22
6.58
6.60
6.62
6.63
6.64
6.65
Pout [W]
90.59
90.61
90.63
90.64
90.69
90.69
η [%]
87.2
89.7
91.0
92.1
92.2
92.0
Load conditions: 200V: 0.33A; 80V: 0.13A;
±15V: 80 Ω; 6.5V: 10Ω; 5V: 0.05A
VAC [V]
88
110
132
176
220
264
Pin [W]
12.6
12.9
13.3
13.3
13.4
13.6
Load conditions: 200V: 0.005A, 80V: 0.065A;
±15V = open; 6.5V: 10Ω (heater on); 5V: 0.025A. Pout ≈ 9.3W
Pin [W]
8.3
8.3
8.5
8.5
8.6
8.7
Load conditions: 200V: 0.005A, 80V: 0.065A;
±15V = 6.5V = open (heater off); 5V: 0.025A (LDO regulator supplied
from 6.5V line). Pout
≈ 6.3W.
Note: a) Applicable to EnergyStar® compliant design only.
b) Efficiency improvement is due to onset of L6565 burst-mode operation.
T
Dec ay
C3
I
q
-------- V
CCHy s
≈



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com