Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1657 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1657
Description  SMPS FOR CRT MONITORS WITH THE L6565
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1657 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1657 Datasheet HTML 1Page - STMicroelectronics AN1657 Datasheet HTML 2Page - STMicroelectronics AN1657 Datasheet HTML 3Page - STMicroelectronics AN1657 Datasheet HTML 4Page - STMicroelectronics AN1657 Datasheet HTML 5Page - STMicroelectronics AN1657 Datasheet HTML 6Page - STMicroelectronics AN1657 Datasheet HTML 7Page - STMicroelectronics AN1657 Datasheet HTML 8Page - STMicroelectronics AN1657 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
AN1657
APPLICATION NOTE
February 2003
Design Specification
The typical electrical specification of an SMPS of a 17" CRT monitor for PC is summarized in table 1. Two
goals concerning the off-mode consumption of the SMPS have been set: the first one is to meet the
present EnergyStar® requirements, which envisage less than 2W absorbed from the mains; the second
more ambitious goal is to comply with IEA's "1W initiative" as well as to be eligible for GEEA label. Both
voluntary standards require to achieve a power consumption below 1W.
Table 1. 90W SMPS for CRT monitor: electrical specification
QR approach and the L6565
The SMPS will be realized with a Quasi-resonant (QR) flyback converter based on the L6565, a control
IC specifically designed to handle such kind of converters. Referring to [1] and [2] for a detailed description
of the device and the topology, it is here worthwhile reminding that QR operation implies that the trans-
Input Voltage Range (Vin)
88 to 264 Vac
Mains Frequency (fL)
50/60 Hz
Maximum Output Power (Pout)
92 W
Outputs
Horizontal Deflection
Vout = 200V
± 3%
Iout = 0.33A
Full load ripple = 1%
Video Amplifier
Vout = 80V
± 5%
Iout = 0.13A
Full load ripple = 1%
Vertical Deflection
Vout = ± 15V
± 10%
Iout = 0.33 A
Full load ripple = 1%
Heater
Vout = 6.5V
± 10%
Iout = 0.6A
Full load ripple = 2%
Micro
Vout = 5.0V
± 2%
Iout = 0.05A
Full load ripple < 1%
Minimum Switching Frequency in Normal Mode (fMIN, @ Vin = 100 VDC, full load)
25 kHz
Target Efficiency (Vin =88 to 264 Vac, full load) (
η)> 85%
Suspend-Mode Input Power (Vin = 88 to 264 Vac)
<15 W
OFF-Mode Input Power (@Pout = 125 mW on 5V output, Vin = 88 to 264 Vac)
< 2W (EnergyStar®)
< 1W (IEA, GEEA)
by Claudio Adragna
SMPS FOR CRT MONITORS WITH THE L6565
This note shows and discusses a couple of designs of a 90W wide-range-mains SMPS for CRT monitor
based on the QR controller L6565. The first design refers to a low-cost SMPS that meets current Ener-
gyStar® requirements on OFF-mode consumption (Pin<2W). The second design is an evolution of the
first one so as to be compliant with IEA's "1W initiative". Both have been realized and tested on the
bench. The result of their evaluation is presented along with some significant waveforms.


Similar Part No. - AN1657

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN165 ETC1-AN165 Datasheet
36Kb / 3P
EMI REDUCTION TECHNIQUES
logo
STMicroelectronics
AN1656 STMICROELECTRONICS-AN1656 Datasheet
184Kb / 6P
6 CH VOLUME CONTROLLER
Feb-2003
More results

Similar Description - AN1657

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9212 STMICROELECTRONICS-STV9212 Datasheet
335Kb / 34P
Video Processor for CRT Monitors with PictureBooST
03-Jul-2003
logo
Toshiba Semiconductor
TPS855 TOSHIBA-TPS855 Datasheet
211Kb / 8P
Luminosity Adjustment for TV Screens, CRT Monitors and Liquid-crystal Display Monitors Other Equipment Requiring Luminosity Adjustment
logo
STMicroelectronics
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
28-Apr-2011
AN1132 STMICROELECTRONICS-AN1132 Datasheet
196Kb / 12P
90W SMPS FOR MONITORS WITH STANDBY FUNCTION
Sep-2000
AN1439 STMICROELECTRONICS-AN1439 Datasheet
312Kb / 17P
30 W AC-DC adapter with the L6565
12-Mar-2008
AN1729 STMICROELECTRONICS-AN1729 Datasheet
203Kb / 10P
L6565-BASED LOW COST SMPS FOR TV WITH
Jun-2003
AN2936 STMICROELECTRONICS-AN2936 Datasheet
307Kb / 10P
10 W SMPS with HV power MOSFET and the L6565
16-Mar-2009
STEVAL-ISA041V1 STMICROELECTRONICS-STEVAL-ISA041V1 Datasheet
163Kb / 4P
125 W SMPS based on the STP12IE95F4 ESBT switch with L6565 PWM controller
16-Apr-2010
UM0584 STMICROELECTRONICS-UM0584 Datasheet
405Kb / 9P
STEVAL-ISA031V1: 40 W SMPS with HV MOSFET and L6565 for three-phase industrial applications
24-Sep-2009
logo
Littelfuse
PGM-8600 LITTELFUSE-PGM-8600 Datasheet
1Mb / 1P
The PGM-8600 relay monitors the insulation resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com