Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1673 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1673 Datasheet HTML 2Page - STMicroelectronics AN1673 Datasheet HTML 3Page - STMicroelectronics AN1673 Datasheet HTML 4Page - STMicroelectronics AN1673 Datasheet HTML 5Page - STMicroelectronics AN1673 Datasheet HTML 6Page - STMicroelectronics AN1673 Datasheet HTML 7Page - STMicroelectronics AN1673 Datasheet HTML 8Page - STMicroelectronics AN1673 Datasheet HTML 9Page - STMicroelectronics AN1673 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AN1673 APPLICATION NOTE
6/24
Figure 5. Bootstrap driver.
To drive the synchronised DMOS it is necessary a voltage higher than the supply voltage VS. This voltage
is obtained by means of an internal charge pump.
The diode connected in series to the DMOS has been added to avoid undesirable turn on of it. The intro-
duction of the diode prevents any current can flow from the Vboot pin to the VS one in case that the supply
is quickly turned off when the internal capacitor of the pump is not fully discharged.
The bootstrap driver introduces a voltage drop during the recharging time of the capacitor Cboot (when the
low side driver is on), which increases with the frequency and with the size of the external power MOS. It
is the sum of the drop across the RDSON and of the diode threshold voltage. At low frequency this drop is
very small and can be neglected. Anyway increasing the frequency it must be taken in to account. In fact
the drop, reducing the amplitude of the driving signal, can significantly increase the RDSON of the external
power MOS (and so the dissipation).
To be considered that in resonant power supplies the current, which flows in the power, MOS decreases
increasing the switching frequency and generally the increases of RDSON are not a problem because pow-
er dissipation is negligible. The following equation is useful to compute the drop on the bootstrap driver:
[8]
Where Qg is the gate charge of the external power MOS, Rdson is the on resistance of the bootstrap
DMOS, and Tcharge is the time in which the bootstrap driver remains on (about the semi period of the
switching frequency minus the dead time). The typical resistance value of the bootstrap DMOS is 150
Ohm. For example using a power MOS with a total gate charge of 30nC the drop on the bootstrap driver
is about 2.5V, at a switching frequency of 200kHz. In fact:
[9]
In practice, if a significant drop on the bootstrap driver (at high switching frequency when large power MOS
are used) represents a problem, an external diode can be used, avoiding the voltage reduction on the
Cboot.
VS
VS
VBOOT
DBOOT
ab
VOUT
VBOOT
VOUT
CBOOT
CBOOT
LVG
D02IN1390
V
drop
I
ch
e
arg
R
dson
V
diod
V
drop
Q
g
T
ch
e
arg
-------------------- R
dson
V
diode
+
⋅⋅
⇒
+
⋅
=
V
drop
130nQ
2.3
µs
------------------ 150
Ω 0.6V 2.6V
≅
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com