Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1673 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1673 Datasheet HTML 1Page - STMicroelectronics AN1673 Datasheet HTML 2Page - STMicroelectronics AN1673 Datasheet HTML 3Page - STMicroelectronics AN1673 Datasheet HTML 4Page - STMicroelectronics AN1673 Datasheet HTML 5Page - STMicroelectronics AN1673 Datasheet HTML 6Page - STMicroelectronics AN1673 Datasheet HTML 7Page - STMicroelectronics AN1673 Datasheet HTML 8Page - STMicroelectronics AN1673 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
AN1673
APPLICATION NOTE
April 2004
INTRODUCTION
Because of the much high efficiency that can be achieved (higher than the traditional PWM) and the re-
duction of the high frequency electromagnetic interference (thanks to the utilization of parasitic parameters
of the circuit), the interest for resonant topologies is recently growing in power conversion market. In fact
this kind of topologies allows high power/weight ratio and low power dissipation of the power parts.
Several power supply application segments such as Adapters, Television, Monitor, Telecom and Car Ra-
dio can benefit by using converters based on the topology.
The L6598 is designed for half bridge configuration.
This paper deals on how to use this device. At the end, it will be discussed concerning some design criteria
and application tips.
FEATURED DEVICE DESCRIPTION
The device, whose internal block diagram is shown in fig.1, is an integrated circuit realized in Off-Line tech-
nology. Able to drive Powermos or IGBT, in half bridge topology, it is provided with all the features (such
as VCO, Soft-Start, OP-Amp and Enables) needed to implement and control properly a resonant SMPS
with the minimum components count.
Even though the device is able to withstand high voltage, it can operate at low voltage starting from its
operative supply. It is available in DIP16 and SO16N packages.
The most significant peculiarities are:
– High voltage rail (up to 600V) and
immunity (± 50 V/ns) at full temperature range.
– 250 mA (source) / 450 mA (sink) driver current capability.
– Under voltage lockout.
– Precise current controlled oscillator and frequency shift for soft-star function.
– Integrated bootstrap driver for C-boot charging.
Figure 1. Internal Block diagram
dv
dt
------
VREF
Ifmin
Ifstart
OP AMP
12
VS
CFIL
Cf
OPOUT
OPIN-
OPIN+
Rfmin
Rfstart
5
6
7
4
2
3
HVG
OUT
LVG
GND
EN1
EN2
CSS
1
9
8
10
11
VS
14
15
16
Vthe1
LVG DRIVER
Vthe2
VBOOT
CBOOT
H.V. BUS
LOAD
VREF
VCO
ISS
UV
DETECTION
HVG
DRIVER
LEVEL
SHIFTER
+
+
-
+
-
-
DEAD
TIME
DRIVING
LOGIC
CONTROL
LOGIC
BOOTSTRAP
DRIVER
D03IN1429
L6598 OFF-LINE CONTROLLER FOR
RESONANT CONVERTERS


Similar Part No. - AN1673

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN1673.0 INTERSIL-AN1673.0 Datasheet
214Kb / 4P
Application Circuit to Generate Plus
More results

Similar Description - AN1673

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR0665 INFINEON-ICE2QR0665_10 Datasheet
658Kb / 21P
Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.3, April 27, 2010
ICE2QR4765 INFINEON-ICE2QR4765_10 Datasheet
812Kb / 21P
Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
logo
STMicroelectronics
AN1300 STMICROELECTRONICS-AN1300 Datasheet
83Kb / 9P
L6598 BASED 12V/3A RESONANT APPLICATION
Oct-2000
logo
Dialog Semiconductor
IW1679 DIALOG-IW1679 Datasheet
350Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1699 DIALOG-IW1699 Datasheet
362Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1760B DIALOG-IW1760B Datasheet
399Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
logo
Sanken electric
SSC3S910 SANKEN-SSC3S910 Datasheet
1Mb / 31P
LLC Current-Resonant Off-Line Switching Controller
SSC3S921 SANKEN-SSC3S921 Datasheet
1Mb / 28P
LLC Current-Resonant Off-Line Switching Controller
SSC3S927 SANKEN-SSC3S927 Datasheet
1Mb / 30P
LLC Current-Resonant Off-Line Switching Controller
SSC3S931 SANKEN-SSC3S931 Datasheet
929Kb / 23P
LLC Current-Resonant Off-Line Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com