Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1894 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1894
Description  BUCK-BOOST CONVERTER REFERENCE BOARD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1894 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1894 Datasheet HTML 1Page - STMicroelectronics AN1894 Datasheet HTML 2Page - STMicroelectronics AN1894 Datasheet HTML 3Page - STMicroelectronics AN1894 Datasheet HTML 4Page - STMicroelectronics AN1894 Datasheet HTML 5Page - STMicroelectronics AN1894 Datasheet HTML 6Page - STMicroelectronics AN1894 Datasheet HTML 7Page - STMicroelectronics AN1894 Datasheet HTML 8Page - STMicroelectronics AN1894 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
®
March 2004
1/14
AN1894
- APPLICATION NOTE
VIPower: VIPer12A NON ISOLATED BUCK AND
BUCK-BOOST CONVERTER REFERENCE BOARD
P. LIDAK - R. HAUSER
ABSTRACT
Presented circuit can be used to produce a single, non isolated positive or negative voltage. It is
dedicated for building an auxiliary power supply based on the VIPer12AS monolithic device with rather
low output power required.
1. INTRODUCTION
There are some applications, where an off-line power supply without isolation between input and output
can be tolerated and rather low output current is required. In this case the converter should be simple
and low cost. These requirements can be satisfied by a step-down converter based on monolithic device
VIPer12AS that incorporates the PWM controller together with the Vertical power MOSFET switch in a
SO8 package. The presented power supply has two variants. The first is a buck (step-down) converter
with a positive output voltage referenced to the common ground. The second one with negative output
voltage is a buck-boost converter. The presented reference board incorporates both variants by different
assembly options.
2. CIRCUIT DESCRIPTION
2.1 Buck Converter +15V/100mA, +5V/60mA or 20mA (Variant 1)
2.1.1 Operating Conditions
2.1.2 Circuit Operation
The total schematic of the power supply can be seen in Figure 1. The output of the converter is not
isolated from input. For this reason the reference ground is common for an input and output connection
terminal. The input capacitor C1 is charged from line via one way rectifier consisting of diodes D1 and
D2. Two diodes in series are used for EMI reasons to sustain burst pulses of 2kV. The capacitor C1
together with capacitor C2 and inductor L1 forms an EMI filter. The DC voltage at C2 is then applied to
the VIPer12 that works as a high side switch. It means the IC and corresponding supply and feedback
loop circuitry is floating. The IC supply circuit consists of the high voltage diode D4, ceramic capacitor C7
low voltage D7 and capacitor C4. The voltage feedback loop is provided via zener diode D3, resistor R3
and capacitor C6.
The diode D7 between capacitor C7 and C4 ensures the proper start-up of the converter. Thanks to this
diode the feedback loop circuit is separated from supply circuit. The internal start-up current source of
the VIPer12 charges the IC supply capacitor C4 to a specified start-up threshold voltage of about 16V.
Input Voltage range
90-264 VAC
Input Voltage Frequency range
50/60 Hz
Main Output
15V / 100mA
Second Output (through linear regulator)
5V / 60 or 20mA
Total Maximum Output Power
1.6W


Similar Part No. - AN1894

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1895 STMICROELECTRONICS-AN1895 Datasheet
411Kb / 16P
EVAL6562-375W Evaluation Board
28-Aug-2006
AN1897 STMICROELECTRONICS-AN1897 Datasheet
392Kb / 17P
In the past few years, many consumer products have been provided
12-Nov-2014
More results

Similar Description - AN1894

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
logo
National Semiconductor ...
LM3492 NSC-LM3492 Datasheet
607Kb / 8P
Evaluation Board Reference Design integrates a boost converter
logo
Texas Instruments
LM3209-G3 TI1-LM3209-G3_16 Datasheet
1Mb / 22P
Seamless-Transition Buck-Boost Converter
LM3269 TI1-LM3269_16 Datasheet
2Mb / 27P
Seamless-Transition Buck-Boost Converter
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
Buck-Boost Converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
Buck-boost DC-DC converter
29-Oct-2014
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Recom International Pow...
RBBA3000 RECOM-RBBA3000 Datasheet
1Mb / 8P
Non-isolated buck/boost converter
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
Current Mode Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com