Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1894 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1894
Description  BUCK-BOOST CONVERTER REFERENCE BOARD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1894 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1894 Datasheet HTML 6Page - STMicroelectronics AN1894 Datasheet HTML 7Page - STMicroelectronics AN1894 Datasheet HTML 8Page - STMicroelectronics AN1894 Datasheet HTML 9Page - STMicroelectronics AN1894 Datasheet HTML 10Page - STMicroelectronics AN1894 Datasheet HTML 11Page - STMicroelectronics AN1894 Datasheet HTML 12Page - STMicroelectronics AN1894 Datasheet HTML 13Page - STMicroelectronics AN1894 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
AN1894 - APPLICATION NOTE
2.2.2 Circuit Operation
The total schematic of the power supply can be seen in Figure 22. The output current flowing to the
output capacitor C3 is discontinuous for the buck-boost converter (unlike the above described buck
converter). During primary switch ON-time the inductor current flows through the inductor to ground and
not to the output capacitor as for buck converter. As soon as the primary switch is turned off, the inductor
reverses the voltage between its terminals and current starts to flow through the forward biased D5 diode
and charges the output capacitor C3. In this switch-off phase the source terminal of the VIPer12 sees
negative level of forward biased D5 and negative output voltage (when referenced to ground). The
converter is called inverting. It is because the output voltage is negative compared to the input voltage
referred to the same common ground. By removing the jumper R5 and placement of the jumper R4 the
buck converter can be easily changed to the inverting buck-boost converter.
Figure 22: Schematic Diagram of Non Isolated Buck-Boost Converter with Negative Output Voltage
2.2.3 Buck-Boost Converter Evaluation and Measurements
The output regulation characteristics can be seen in Figure 23. It shows the variation of the output
voltage with output current at specific DC input voltage. The zener diode D6 was not connected during
the measurements.
L
D1
GL1M
1000V
1A
D2
GL1M
1000V
1A
VDD
4
FB
3
U1
VIPer12AS
N
D4
RGL34J
600V
0.5A
D5
RGL34J
600V
0.5A
D3
ZMM13
VDD
+
C3
56uF
35V
LXY
1
2
3
CON2
clamp
R3
1k
D7
LL4148
L2
1mH
200mA
LBC
+
C2
4.7uF
400V
KMG
+
C4
10uF
50V
KME
+
C1
4.7uF
400V
KMG
R4
0R
C6
220pF
90...264V~
L
N
-15V
R6
0R
L1
1.5mH 100mA
BC
Layout Hints: C4, C6 have
to be close to VIPer12A
C7
100nF
R1
10R
3W
1
2
CON1
clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com