Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1897 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1897
Description  In the past few years, many consumer products have been provided
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1897 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1897 Datasheet HTML 1Page - STMicroelectronics AN1897 Datasheet HTML 2Page - STMicroelectronics AN1897 Datasheet HTML 3Page - STMicroelectronics AN1897 Datasheet HTML 4Page - STMicroelectronics AN1897 Datasheet HTML 5Page - STMicroelectronics AN1897 Datasheet HTML 6Page - STMicroelectronics AN1897 Datasheet HTML 7Page - STMicroelectronics AN1897 Datasheet HTML 8Page - STMicroelectronics AN1897 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
November 2014
DocID10240 Rev 2
1/17
17
AN1897
Application note
VIPower™: low-cost universal input DVD supply
with the VIPer22A-E
Introduction
In the past few years, many consumer products have been provided to the end user, such
as DVD or VCD players. Generally, their power supply requires multiple outputs to supply a
variety of control circuits: MCU, motor, amplifier, VFD.
Offline switch mode power supply regulators from ST’s VIPer® family combine high voltage,
avalanche rugged vertical power MOSFET with current mode control PWM circuitry. The
result is the innovative AC-DC converter, simpler, quicker, with reduced component count
and cheap.
The VIPer family complies with the “Blue Angel” and “Energy Star” norms, with very low total
power consumption in standby mode, thanks to the burst operation. This document presents
the application on DVD player power supply with the VIPer22A-E meeting the specifications
in Table 1.
Figure 1. VIPer22A-E evaluation board
Table 1. Output specifications
Input
Output 1
Output 2
Output 3
Output 4
Output 5
Output 6
Universal
line
5 V+/-5%
(1)
1.
The accuracy of +/-5% is reached for a range of load combination only. See Section 3.2 for cross-
regulation results.
+12 V+/-5%
(1)
-12 V+/-5%
(1)
-26 V+/-5%
(1)
3.3 V+/-5%
(1)
5 V
stb+/-5%
(1)
Min. 85 Vac
Max. 265 Vac
Imin.
20 mA
Imax.1.5 A
Imax.
30 mA
Imax.
30 mA
Imax.50 mA
Imax.
150 mA
Imax.100 mA
www.st.com


Similar Part No. - AN1897

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1894 STMICROELECTRONICS-AN1894 Datasheet
310Kb / 14P
BUCK-BOOST CONVERTER REFERENCE BOARD
Mar-2004
AN1895 STMICROELECTRONICS-AN1895 Datasheet
411Kb / 16P
EVAL6562-375W Evaluation Board
28-Aug-2006
More results

Similar Description - AN1897

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX1612SB KSS-CX1612SB Datasheet
583Kb / 1P
1.6횞1.2mm for Consumer Products
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
2.0횞1.6mm for Consumer Products
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
2.5횞2.0mm for Consumer Products
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
3.2횞2.5mm for Consumer Products
logo
STMicroelectronics
AN1278 STMICROELECTRONICS-AN1278 Datasheet
303Kb / 44P
Many mechanical components in the automotive sector have been replaced
Apr-2002
AN4230 STMICROELECTRONICS-AN4230 Datasheet
705Kb / 24P
Many standards have created requirements and references for the construction
13-May-2013
logo
Ohmite Mfg. Co.
RES-SUPERMOX OHMITE-RES-SUPERMOX Datasheet
319Kb / 2P
High-voltage Super Mox resistors have been developed
logo
Laird Tech Smart Techno...
BTM44X LSTD-BTM44X Datasheet
1Mb / 28P
modules from Laird Technologies have been designed to meet the needs of developers
logo
List of Unclassifed Man...
810-00022X ETC1-810-00022X Datasheet
622Kb / 5P
X-Cite® illuminators have been qualified for the following microscopes:
June 2021
logo
EHAOAN.
HS0038B-A EHAOAN-HS0038B-A Datasheet
1Mb / 8P
Modules have been implemented using resin molds.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com