Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1897 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1897
Description  In the past few years, many consumer products have been provided
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1897 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1897 Datasheet HTML 8Page - STMicroelectronics AN1897 Datasheet HTML 9Page - STMicroelectronics AN1897 Datasheet HTML 10Page - STMicroelectronics AN1897 Datasheet HTML 11Page - STMicroelectronics AN1897 Datasheet HTML 12Page - STMicroelectronics AN1897 Datasheet HTML 13Page - STMicroelectronics AN1897 Datasheet HTML 14Page - STMicroelectronics AN1897 Datasheet HTML 15Page - STMicroelectronics AN1897 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Transformer specification
AN1897
12/17
DocID10240 Rev 2
4
Transformer specification
Figure 12. Transformer structure
Figure 13. Winding construction diagram
Table 5. Winding parameters
Layer description
Symbol
Start pin
End pin
Number of layers
Turns
Wire size
(mm)
Primary
Wp
Pin 2
Pin 1
2
65
0.3
Out 1 (5 V/1.5 A)
W5
Pin 7
Pin 12
1
4
2*0.6
Out 2 (12 V/0.0 3 A)
W12
Pin 11
Pin 7
1
5
0.3
Out 3 (-12 V/0.0 3 A)
W-12
Pin 12
Pin 10
1
9
0.45
Out 4 (-26 V/0.05 A)
W-26
Pin1 0
Pin 13
1
10
0.3
Out 5 (5 Vstb/0. 1 A)
Wstb
Pin 9
Pin 8
1
12
0.3
Out 6 (3. 3V/0.15 A)
W3v3
Pin 14
Pin 15
1
3
0.3
Auxiliary
Waux
Pin 6
Pin 5
1
24
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com